Electronic Components Datasheet Search
  English  ▼

X  

ACA3748 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA3748
Description  870 MHz, 25 dB Gain CATV Power Doubler Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA3748 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA3748 Datasheet HTML 1Page - ANADIGICS, Inc ACA3748 Datasheet HTML 2Page - ANADIGICS, Inc ACA3748 Datasheet HTML 3Page - ANADIGICS, Inc ACA3748 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/2012
ACA3748
870 MHz, 25 dB Gain
CATV Power Doubler Amplifier
PRELIMINARY DATA SHEET - Rev 1.0
Figure 1: Simplified Hybrid Internal Arrangement
FEATURES
• 25 dB Gain
• 40 MHz to 870 MHz Operating Range
• 0.2 dB Gain Flatness
• 24 V Supply
• Supply Current: 430 mA (Typ.)
• Very Low Distortion & Noise
• Robust Design and Insensitive to Voltage
Transients
• GaAs Monolithic IC-Based
• Standard SOT-115J Package
• Ruggedized design with integrated ring wave
protection
• Superior ESD protection, > 7 kV
APPLICATIONS
• Distribution Nodes and Line Extenders in CATV
Systems
PRODUCT DESCRIPTION
The ACA3748 is a GaAs Hybrid Amplifier for CATV
HFC distribution systems. It consists of two pairs of
parallel amplifiers that are optimized for exceptionally
low distortion and noise figure with input and output
transient voltage protection. The ACA3748 is offered
in a standard SOT-115J package.
Figure 2: Hybrid Pinout
Table 1: SOT-115J Pinning
PIN
Description
1
RF Input
2
GND
3
GND or No Connection
5
24 V
7, 8
GND
9
RF Output
12 35
78
9


Similar Part No. - ACA3748

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3748Q9 SKYWORKS-ACA3748Q9 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3748V0 SKYWORKS-ACA3748V0 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results

Similar Description - ACA3748

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
NXP Semiconductors
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3753 ANADIGICS-ACA3753 Datasheet
398Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
logo
Quanzhou Jinmei Electro...
CGD944C_2015 JMNIC-CGD944C_2015 Datasheet
58Kb / 7P
870 MHz, 25 dB gain power doubler amplifier
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com