Electronic Components Datasheet Search
  English  ▼

X  

ACA3753 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA3753
Description  870 MHz, 28 dB Gain CATV Power Doubler Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA3753 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA3753 Datasheet HTML 1Page - ANADIGICS, Inc ACA3753 Datasheet HTML 2Page - ANADIGICS, Inc ACA3753 Datasheet HTML 3Page - ANADIGICS, Inc ACA3753 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
09/2011
ACA3753
870 MHz, 28 dB Gain
CATV Power Doubler Amplifier
PRELIMINARY DATA SHEET - Rev 1.1
Figure 1: Simplified Hybrid Internal Arrangement
FEATURES
• 28 dB Gain
• 40 MHz to 870 MHz Operating Range
• 0.5 dB Gain Flatness
• 24 V Supply
• Supply Current: 430 mA (Typ.)
• Very Low Distortion & Noise
• Robust Design and Insensitive to Voltage
Transients
• GaAs Monolithic IC-Based
• Standard SOT115J Package
APPLICATIONS
• Distribution Nodes and Line Extenders in CATV
Systems
PRODUCT DESCRIPTION
The ACA3753 is a GaAs Hybrid Amplifier for CATV
HFC distribution systems. It consists of two pairs of
parallel amplifiers that are optimized for exceptionally
low distortion and noise figure. The ACA3753 is
offered in a standard SOT115J package.
Hybrid Pinout
Figure 2: Hybrid Pinout
Table 1: SOJ115J Pinning
PIN
Description
1
RF Input
2
GND
3
GND or No Connection
5
24 V
7, 8
GND
9
RF Output
12 35
78
9


Similar Part No. - ACA3753

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754P9 ANADIGICS-ACA3754P9 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754V0 ANADIGICS-ACA3754V0 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
More results

Similar Description - ACA3753

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com