Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 1 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 1 Page - Analog Devices

  AD532 Datasheet HTML 1Page - Analog Devices AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AD532
Internally Trimmed
Integrated Circuit Multiplier
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC = NO CONNECT
Z+VS
AD532
OUT
Y1
–VS
Y2
NC
VOS
NC
GND
NC
X2
X1
NC
TOP VIEW
(Not to Scale)
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
910 11 12
13
NC = NO CONNECT
–VS
Y2
AD532
NC
NC
NC
VOS
NC
NC
NC
GND
Y1
Y2
VOS
GND
X2
X1
–VS
OUT
Z
+VS
TOP VIEW
(Not to Scale)
AD532
FEATURES
Pretrimmed to
1.0% (AD532K)
No External Components Required
Guaranteed
1.0% max 4-Quadrant Error (AD532K)
Diff Inputs for (X1 – X2) (Y1 – Y2)/10 V Transfer Function
Monolithic Construction, Low Cost
APPLICATIONS
Multiplication, Division, Squaring, Square Rooting
Algebraic Computation
Power Measurements
Instrumentation Applications
Available in Chip Form
PRODUCT DESCRIPTION
The AD532 is the first pretrimmed single chip monolithic multi-
plier/divider. It guarantees a maximum multiplying error of
±1.0% and a ±10 V output voltage without the need for any
external trimming resistors or output op amp. Because the
AD532 is internally trimmed, its simplicity of use provides
design engineers with an attractive alternative to modular multi-
pliers, and its monolithic construction provides significant ad-
vantages in size, reliability and economy. Further, the AD532
can be used as a direct replacement for other IC multipliers that
require external trim networks (such as the AD530).
FLEXIBILITY OF OPERATION
The AD532 multiplies in four quadrants with a transfer func-
tion of (X1 – X2)(Y1 – Y2)/10 V, divides in two quadrants with
a 10 V Z/(X1 – X2) transfer function, and square roots in one
quadrant with a transfer function of
±√10VZ. In addition to
these basic functions, the differential X and Y inputs provide
significant operating flexibility both for algebraic computation and
transducer instrumentation applications. Transfer functions,
such as XY/10 V, (X
2 – Y2)/10 V,
±X2/10 V and 10 V Z/(X
1 – X2),
are easily attained and are extremely useful in many modulation
and function generation applications, as well as in trigonometric
calculations for airborne navigation and guidance applications,
where the monolithic construction and small size of the AD532
offer considerable system advantages. In addition, the high
CMRR (75 dB) of the differential inputs makes the AD532
especially well qualified for instrumentation applications, as it
can provide an output signal that is the product of two transducer-
generated input signals.
GUARANTEED PERFORMANCE OVER TEMPERATURE
The AD532J and AD532K are specified for maximum multi-
plying errors of
±2% and ±1% of full scale, respectively at
+25
°C, and are rated for operation from 0°C to +70°C. The
AD532S has a maximum multiplying error of
±1% of full scale
at +25
°C; it is also 100% tested to guarantee a maximum error
of
±4% at the extended operating temperature limits of –55°C
and +125
°C. All devices are available in either the hermetically-
sealed TO-100 metal can, TO-116 ceramic DIP or LCC packages.
J, K and S grade chips are also available.
ADVANTAGES OF ON-THE-CHIP TRIMMING OF THE
MONOLITHIC AD532
1. True ratiometric trim for improved power supply rejection.
2. Reduced power requirements since no networks across sup-
plies are required.
3. More reliable since standard monolithic assembly techniques
can be used rather than more complex hybrid approaches.
4. High impedance X and Y inputs with negligible circuit
loading.
5. Differential X and Y inputs for noise rejection and additional
computational flexibility.
REV. B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


Similar Part No. - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD532 AD-AD532 Datasheet
346Kb / 14P
Internally Trimmed Integrated Circuit Multiplier
Rev. E
AD5320 AD-AD5320 Datasheet
427Kb / 20P
2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
10/04-Data Sheet changed from REV. E to REV. F.
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
More results

Similar Description - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com