Electronic Components Datasheet Search
  English  ▼

X  

ADA1200 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ADA1200
Description  Linear Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA1200 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ADA1200 Datasheet HTML 1Page - ANADIGICS, Inc ADA1200 Datasheet HTML 2Page - ANADIGICS, Inc ADA1200 Datasheet HTML 3Page - ANADIGICS, Inc ADA1200 Datasheet HTML 4Page - ANADIGICS, Inc ADA1200 Datasheet HTML 5Page - ANADIGICS, Inc ADA1200 Datasheet HTML 6Page - ANADIGICS, Inc ADA1200 Datasheet HTML 7Page - ANADIGICS, Inc ADA1200 Datasheet HTML 8Page - ANADIGICS, Inc ADA1200 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
04/2012
S24 Package
SOT-89
Figure 1: Block Diagram
ADA1200
Linear Amplifier
PRELIMINARY DATA SHEET - Rev 1.4
FEATURES
• 12 dB Gain
• 50 to 1000 MHz Frequency Range
• Noise Figure: 2.3 dB
• Single +5 V Supply
• Small SOT-89 Package
• RoHS Compliant/Lead-free
APPLICATIONS
• Low Noise Amplifier for CATV Set-Top Boxes
• CATV Drop Amplifier
PRODUCT DESCRIPTION
The ADA1200 is a highly linear amplifier developed
to meet the stringent requirements of CATV systems.
Offered in a low cost SOT-89 package, this GaAs
MESFET design offers low noise and low distortion
over a wide frequency range. The device is ideally
RF Output
/ Bias
RF Input
suited for applications as a Low Noise Amplifier in
CATV Set-Top Boxes, and as a Drop Amplifier in CATV
distribution systems. The ADA1200 requires a single
+5 V supply, and typically consumes 400 mW of power.


Similar Part No. - ADA1200

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
232Kb / 8P
Linear Amplifier
Rev 0.2
ADA1200S24Q1 ANADIGICS-ADA1200S24Q1 Datasheet
232Kb / 8P
Linear Amplifier
Rev 0.2
More results

Similar Description - ADA1200

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2318 RFMD-RF2318 Datasheet
110Kb / 6P
LINEAR BROADBAND AMPLIFIER
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
232Kb / 8P
Linear Amplifier
Rev 0.2
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
logo
Communications & Power ...
3CX1500D7 CPI-3CX1500D7 Datasheet
150Kb / 1P
RF linear amplifier
logo
RFHIC
GLM2123-L RFHIC-GLM2123-L Datasheet
195Kb / 3P
Linear Amplifier
GLM2523-L RFHIC-GLM2523-L Datasheet
198Kb / 3P
Linear Amplifier
GLM2723-L RFHIC-GLM2723-L Datasheet
195Kb / 3P
Linear Amplifier
GLM3623-L RFHIC-GLM3623-L Datasheet
195Kb / 3P
Linear Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com