Electronic Components Datasheet Search
  English  ▼

X  

ATS657 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS657
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS657 Datasheet HTML 6Page - Allegro MicroSystems ATS657 Datasheet HTML 7Page - Allegro MicroSystems ATS657 Datasheet HTML 8Page - Allegro MicroSystems ATS657 Datasheet HTML 9Page - Allegro MicroSystems ATS657 Datasheet HTML 10Page - Allegro MicroSystems ATS657 Datasheet HTML 11Page - Allegro MicroSystems ATS657 Datasheet HTML 12Page - Allegro MicroSystems ATS657 Datasheet HTML 13Page - Allegro MicroSystems ATS657 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
During normal running mode, vibration can interfere with the
direction detection functions. In that case, during the vibration the
device may continue to output speed data with non-directional
pulses.
If the vibration that occurs has a large enough amplitude such
that the peaks of the VPROC signals continue to pass through both
switchpoints, non-direction pulses will be outputted during the
vibration, as shown in figure 5.
If the vibration has a low enough amplitude such that its posi-
tive peak is less than VPROC(BOP), no pulses are outputted and
no switchpoint updating occurs until the vibration becomes large
enough that VPROC exceeds VPROC(BOP) . If its negative peak is
greater than VPROC(BRP), then there is no output or update until
VPROC falls below VPROC(BRP) .As shown in figure 6, when that
does occur, a single direction pulse may be outputted, however,
regardless of whether or not that single pulse occurs, non-direction
pulses are outputted throughout the remainder of the vibration.
Figure 6. Small amplitude vibration during Running mode operation
Figure 5. Large amplitude vibration during Running mode operation
Operation During Running Mode Vibration
+V
Switchpoint
Hysteresis
tw(FWD) or tw(REV)
tw(ND)
+t
+t
Normal Rotation
Vibration
}
VPROC(BOP)
VPROC(BRP)
+I
+V
Switchpoint
Hysteresis
tw(FWD)
or tw(REV)
tw(FWD) or tw(REV)
tw(ND)
+t
+t
Normal Rotation
Vibration
}
VPROC > VPROC(BOP)
VPROC(BOP)
VPROC(BRP)
+I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com