Electronic Components Datasheet Search
  English  ▼

X  

AD5330 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5330 Datasheet HTML 7Page - Analog Devices AD5330 Datasheet HTML 8Page - Analog Devices AD5330 Datasheet HTML 9Page - Analog Devices AD5330 Datasheet HTML 10Page - Analog Devices AD5330 Datasheet HTML 11Page - Analog Devices AD5330 Datasheet HTML 12Page - Analog Devices AD5330 Datasheet HTML 13Page - Analog Devices AD5330 Datasheet HTML 14Page - Analog Devices AD5330 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD5330/AD5331/AD5340/AD5341
–11–
Typical Performance Characteristics–
CODE
1.0
0.5
–1.0
0
50
250
100
150
200
0
–0.5
TA = 25 C
VDD = 5V
Figure 5. AD5330 Typical INL Plot
CODE
0.3
–0.3
0
50
250
100
150
200
–0.1
–0.2
0.2
0.1
0
TA = 25 C
VDD = 5V
Figure 8. AD5330 Typical DNL Plot
VREF – V
1.00
–1.00
0.25
0.00
0.75
0.50
2
345
–0.25
–0.50
–0.75
VDD = 5V
TA = 25 C
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 11. AD5330 INL and DNL
Error vs. VREF
CODE
3
0
200
1000
400
600
800
0
–1
–2
–3
2
1
TA = 25 C
VDD = 5V
Figure 6. AD5331 Typical INL Plot
CODE
0.6
0.4
0
200
1000
400
600
800
–0.2
–0.6
0.2
0
–0.4
TA = 25 C
VDD = 5V
Figure 9. AD5331 Typical DNL Plot
TEMPERATURE – C
1.00
0.75
–1.00
–40
0
120
40
80
0
–0.25
–0.50
–0.75
0.50
0.25
VDD = 5V
VREF = 3V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 12. AD5330 INL Error and
DNL Error vs. Temperature
CODE
12
0
–4
–8
8
4
0
4000
1000
2000
3000
–12
TA = 25 C
VDD = 5V
Figure 7. AD5340 Typical INL Plot
TA = 25 C
VDD = 5V
CODE
1.0
0.5
–1.0
0
1000
4000
2000
3000
0
–0.5
Figure 10. AD5340 Typical DNL Plot
TEMPERATURE – C
–40
0
120
40
80
0.0
–0.5
–1.0
1.0
0.5
VDD = 5V
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. AD5330 Offset Error
and Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com