Electronic Components Datasheet Search
  English  ▼

X  

ALT6713 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ALT6713
Description  HELP4 UMTS700 (Bands 13 & 14) LTE Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6713 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ALT6713 Datasheet HTML 1Page - ANADIGICS, Inc ALT6713 Datasheet HTML 2Page - ANADIGICS, Inc ALT6713 Datasheet HTML 3Page - ANADIGICS, Inc ALT6713 Datasheet HTML 4Page - ANADIGICS, Inc ALT6713 Datasheet HTML 5Page - ANADIGICS, Inc ALT6713 Datasheet HTML 6Page - ANADIGICS, Inc ALT6713 Datasheet HTML 7Page - ANADIGICS, Inc ALT6713 Datasheet HTML 8Page - ANADIGICS, Inc ALT6713 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
02/2012
ALT6713
HELP4TM UMTS700 (Bands 13 & 14)
LTE Linear PAM
Data Sheet - Rev 2.7
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• LTECompliant
• 4thGenerationHELPTMtechnology
• HighEfficiency(LTEMPR=0dB):
•35%@POUT=+27.5dBm
•18%@POUT=+16dBm
•12%@POUT=+6dBm
• LowQuiescentCurrent:3mA
• LowLeakageCurrentinShutdownMode:<5µA
• InternalVoltageRegulator
• Integrated“daisychainable”directionalcoupler
withCPLINandCPLOUTport.
• Optimizedfora50ΩSystem
• 1.8VControlLogic
• RoHSCompliantPackage,260oCMSL-3
APPLICATIONS
• Band13&14LTEWirelessDevices
PRODUCT DESCRIPTION
TheALT6713HELP4TMPAisa4thgenerationHELPTM
productforLTEdevicesoperatinginUMTS700MHz
Bands13and14.ThisPAincorporatesANADIGICS’
HELP4TMtechnologytodeliverexceptionalefficiency
atlowpowerlevelsandlowquiescentcurrentwithout
theneedforexternalvoltageregulatorsorconverters.
ThedeviceismanufacturedusingadvancedInGaP-
PlusTM HBT technology offering state-of-the-art
reliability, temperature stability, and ruggedness.
Threeselectablebiasmodesthatoptimizeefficiency
for different output power levels and a shutdown
mode with low leakage current increase handset
talkandstandbytime.A“daisychainable”directional
couplerisintegratedinthemodule,thuseliminating
theneedofanexternalcoupler.Theself-contained
3 mm x 3 mm x 1 mm surface mount package
incorporatesmatchingnetworksoptimizedforoutput
power, efficiency, and linearity in a 50 Ω system.
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)
ALT6713


Similar Part No. - ALT6713

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

Similar Description - ALT6713

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
HELP4 E800 (Band 20) LTE Linear PAM
Rev 2.3
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
HELP4 UMTS900 (Band 8) WCDMA Linear PAM
logo
Skyworks Solutions Inc.
SKY77773 SKYWORKS-SKY77773 Datasheet
73Kb / 2P
Power Amplifier Module for LTE Bands 13-14
logo
ANADIGICS, Inc
ALT5020 ANADIGICS-ALT5020 Datasheet
654Kb / 10P
High Efficiency UMTS E800 (Band 20) LTE Linear PAM
Rev 0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com