Electronic Components Datasheet Search
  English  ▼

X  

AD534 Datasheet(PDF) 8 Page - Analog Devices

Part # AD534
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD534 Datasheet HTML 4Page - Analog Devices AD534 Datasheet HTML 5Page - Analog Devices AD534 Datasheet HTML 6Page - Analog Devices AD534 Datasheet HTML 7Page - Analog Devices AD534 Datasheet HTML 8Page - Analog Devices AD534 Datasheet HTML 9Page - Analog Devices AD534 Datasheet HTML 10Page - Analog Devices AD534 Datasheet HTML 11Page - Analog Devices AD534 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD534–Applications Section
–8–
The versatility of the AD534 allows the creative designer to
implement a variety of circuits such as wattmeters, frequency
doublers and automatic gain controls to name but a few.
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT =
A2 – B2
10V
OUT
–VS
+VS
SF
+15V
–15V
A – B
2
A
B
A + B
2
30k
10k
Figure 8. Difference-of-Squares
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT,
12V PK
=
EC ES
0.1V
OUT
–VS
+VS
SF
+15V
–15V
SIGNAL INPUT,
ES, 5V PK
39k
1k
0.005 F
–VS
CONTROL INPUT,
EC, ZERO TO 5V
SET
GAIN
1k
2k
NOTES:
1) GAIN IS X 10 PER-VOLT OF EC, ZERO TO X 50
2) WIDEBAND (10Hz – 30kHz) OUTPUT NOISE IS 3mV RMS, TYP
CORRESPONDING TO A.F.S. S/N RATIO OF 70dB
3) NOISE REFERRED TO SIGNAL INPUT, WITH EC = 5V, IS 60 V RMS, TYP
4) BANDWITH IS DC TO 20kHz, –3dB, INDEPENDENT OF GAIN
Figure 9. Voltage-Controlled Amplifier
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT = (10V) sin
OUT
–VS
+VS
SF
+15V
–15V
4.7k
4.3k
18k
10k
USING CLOSE TOLERANCE RESISTORS AND AD534L, ACCURACY
OF FIT IS WITHIN
0.5% AT ALL POINTS.
IS IN RADIANS.
INPUT, E
0 TO +10V
WHERE
=
E
2
10V
3k
Figure 10. Sine-Function Generator
X1
X2
Y1
Y2
Z1
Z2
OUTPUT = 1
EC sin t
10V
EM
OUT
–VS
+VS
SF
+15V
–15V
THE SF PIN OR A Z-ATTENUATOR CAN BE USED TO PROVIDE OVERALL
SIGNAL AMPLIFICATION, OPERATION FROM A SINGLE SUPPLY POSSIBLE;
BIAS Y2 TO VS/2.
CARRIER
INPUT
EC sin t
MODULATION
INPUT,
EM
AD534
Figure 11. Linear AM Modulator
9k
1k
X1
X2
Y1
Y2
Z2
Z1
AD534
OUTPUT = (100V)
B
A – B
(1% PER VOLT)
OUT
–VS
+VS
SF
+15V
–15V
OTHER SCALES, FROM 10% PER VOLT TO 0.1% PER VOLT
CAN BE OBTAINED BY ALTERING THE FEEDBACK RATIO.
B INPUT
(+VE ONLY)
A INPUT
( )
Figure 12. Percentage Computer
X1
X2
Y1
Y2
Z1
Z2
OUTPUT,
5V/PK
= (10V)
1 + y
y
(10V)
Y
WHERE y =
OUT
–VS
+VS
SF
+15V
–15V
INPUT, Y
10V FS
AD534
Figure 13. Bridge-Linearization Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com