Electronic Components Datasheet Search
  English  ▼

X  

AD5320 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5320
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320 Datasheet(HTML) 5 Page - Analog Devices

  AD5320 Datasheet HTML 1Page - Analog Devices AD5320 Datasheet HTML 2Page - Analog Devices AD5320 Datasheet HTML 3Page - Analog Devices AD5320 Datasheet HTML 4Page - Analog Devices AD5320 Datasheet HTML 5Page - Analog Devices AD5320 Datasheet HTML 6Page - Analog Devices AD5320 Datasheet HTML 7Page - Analog Devices AD5320 Datasheet HTML 8Page - Analog Devices AD5320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. F
AD5305/AD5315/AD5325
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5305/AD5315/AD5325 feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
SCL, SDA to GND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
A0 to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
VOUT A–D to GND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Version) . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . . . 150
°C
MSOP
Power Dissipation . . . . . . . . . . . . . . . . . . . (TJ max – TA)/ JA
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44
°C/W
Reflow Soldering
Peak Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Time at Peak Temperature . . . . . . . . . . . . . 10 sec to 40 sec
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD5305ARM
–40
°C to +105°C
10-Lead MSOP
RM-10
DEA
AD5305ARM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DEA
AD5315ARM
–40
°C to +105°C
10-Lead MSOP
RM-10
DFA
AD5315ARM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DFA
AD5325ARM
–40
°C to +105°C
10-Lead MSOP
RM-10
DGA
AD5325ARM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DGA
AD5305BRM
–40
°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5305BRM-REEL
–40
°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5305BRM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DEB
AD5315BRM
–40
°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5315BRM-REEL
–40
°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5315BRM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DFB
AD5325BRM
–40
°C to +105°C
10-Lead MSOP
RM-10
DGB
AD5325BRM-REEL
–40
°C to +105°C
10-Lead MSOP
RM-10
DGB
AD5325BRM-REEL7
–40
°C to +105°C
10-Lead MSOP
RM-10
DGB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com