Electronic Components Datasheet Search
  English  ▼

X  

AWB7221 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWB7221
Description  2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7221 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWB7221 Datasheet HTML 1Page - ANADIGICS, Inc AWB7221 Datasheet HTML 2Page - ANADIGICS, Inc AWB7221 Datasheet HTML 3Page - ANADIGICS, Inc AWB7221 Datasheet HTML 4Page - ANADIGICS, Inc AWB7221 Datasheet HTML 5Page - ANADIGICS, Inc AWB7221 Datasheet HTML 6Page - ANADIGICS, Inc AWB7221 Datasheet HTML 7Page - ANADIGICS, Inc AWB7221 Datasheet HTML 8Page - ANADIGICS, Inc AWB7221 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.1
12/2011
AWB7221
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
VATTN
RFOUT
RFIN
GND
1
10
2
3
4
5
6
9
8
7
VCC1
GND
GND
GND
GND
GND
14
13
12
11
VENB
VDET
VCC2
GND
GND
PIN
NAME
DESCRIPTION
1VENB
Enable Voltage
2GND
Ground
3GND
Ground
4VCC1
Supply Voltage
5RFIN
RF Input
6VATTN
Attenuator Control
7VDET
Detector Output
8GND
Ground
9GND
Ground
10
GNDGround
11
VCC2
Supply Voltage
12
RFOUT
RF Output
13
GNDGround
14
GNDGround



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com