Electronic Components Datasheet Search
  English  ▼

X  

AWC6323 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWC6323
Description  HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6323 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWC6323 Datasheet HTML 1Page - ANADIGICS, Inc AWC6323 Datasheet HTML 2Page - ANADIGICS, Inc AWC6323 Datasheet HTML 3Page - ANADIGICS, Inc AWC6323 Datasheet HTML 4Page - ANADIGICS, Inc AWC6323 Datasheet HTML 5Page - ANADIGICS, Inc AWC6323 Datasheet HTML 6Page - ANADIGICS, Inc AWC6323 Datasheet HTML 7Page - ANADIGICS, Inc AWC6323 Datasheet HTML 8Page - ANADIGICS, Inc AWC6323 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Data Sheet - Rev 2.2
03/2012
AWC6323
Table 1: Pin Description
Figure 2: Pinout
VMODE1
VMODE2
CPLOUT
PIN
NAME
DESCRIPTION
1
VEN_CELL
Enable Voltage for Cell
Band
2
RFIN_CELL
RF Input for Cell Band
3
VMODE1
Mode Control Voltage 1
4
VBATT
Battery Voltage
5
VMODE2
Mode Control Voltage 2
6
RFIN_PCS
RF Input for PCS Band
7
VEN_PCS
Enable Voltage for PCS
Band
8
RFOUT_PCS
RF Output for PCS Band
9
GND
Ground
10
CPLOUT
Coupler Output Port
11
VCCA
Battery Voltage A
12
VCC
Supply Voltage
13
RFOUT_CELL RF Output for Cell Band
14
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com