Electronic Components Datasheet Search
  English  ▼

X  

AWT6631P9 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # AWT6631P9
Description  HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6631P9 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button AWT6631P9 Datasheet HTML 9Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 10Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 11Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 12Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 13Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 14Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 15Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 16Page - ANADIGICS, Inc AWT6631P9 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Data Sheet - Rev 2.7
03/2012
AWT6631
PERFROMANCE DATA:
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
Pout (dBm)
Figure 4: WCDMA Gain (dB) over Temperature
(Vbatt=Vcc=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
Figure 4: WCDMA Gain (dB) over Temperature
(VBATT = VCC = 3.4 V)
10
15
20
25
30
0
5
10
15
20
25
30
Pout (dBm)
Figure 5: WCDMA Gain (dB) over Voltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
25C 3.0Vcc
Figure 5: WCDMA Gain (dB) over Voltage
(TC = 25 8C)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
Pout (dBm)
Figure 6: WCDMA PAE (%) over Temperature
(Vbatt=Vcc=3.4V)
-30 3.4cc
25C 3.4Vcc
90C 3.4Vcc
Figure 6: WCDMA PAE (%) over Temperature
(VBATT = VCC = 3.4 V)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
Pout (dBm)
Figure 5: WCDMA PAE (%) over Voltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
25C 3.0Vcc
Figure 7: WCDMA PAE (%) over Voltage
(TC = 25 8C)
-55
-50
-45
-40
-35
-30
0
5
10
15
20
25
30
Pout (dBm)
Figure 8: WCDMA ACRL1 (dBc) over Temperature
(Vbatt=Vcc=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
Figure 8: WCDMA ACLR1 (dBc) over Temperature
(VBATT = VCC = 3.4 V)
Figure9:WCDMAACLR1(dBc)overVoltage
(TC = 25 8C)
-55
-50
-45
-40
-35
-30
-25
0
5
10
15
20
25
30
Pout (dBm)
Figure 5: WCDMA ACLR1 (dBc) over Voltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
25C 3.0Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com