Electronic Components Datasheet Search
  English  ▼

X  

AD5330 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5330 Datasheet HTML 10Page - Analog Devices AD5330 Datasheet HTML 11Page - Analog Devices AD5330 Datasheet HTML 12Page - Analog Devices AD5330 Datasheet HTML 13Page - Analog Devices AD5330 Datasheet HTML 14Page - Analog Devices AD5330 Datasheet HTML 15Page - Analog Devices AD5330 Datasheet HTML 16Page - Analog Devices AD5330 Datasheet HTML 17Page - Analog Devices AD5330 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–14–
PARALLEL INTERFACE
The AD5332, AD5333, and AD5342 load their data as a single
8-, 10-, or 12-bit word, while the AD5343 loads data as a low
byte of 8 bits and a high byte containing 4 bits.
Double-Buffered Interface
The AD5332/AD5333/AD5342/AD5343 DACs all have double-
buffered interfaces consisting of an input register and a DAC
register. DAC data, BUF, and GAIN inputs are written to the
input register under control of the Chip Select (CS) and Write
(WR).
Access to the DAC register is controlled by the LDAC function.
When LDAC is high, the DAC register is latched and the input
register may change state without affecting the contents of the
DAC register. However, when LDAC is brought low, the DAC
register becomes transparent and the contents of the input
register are transferred to it. The gain and buffer control signals
are also double-buffered and are only updated when LDAC is
taken low.
This is useful if the user requires simultaneous updating of all
DACs and peripherals. The user may write to both input regis-
ters individually and then, by pulsing the LDAC input low, both
outputs will update simultaneously.
Double-buffering is also useful where the DAC data is loaded in
two bytes, as in the AD5343, because it allows the whole data
word to be assembled in parallel before updating the DAC register.
This prevents spurious outputs that could occur if the DAC
register were updated with only the high byte or the low byte.
These parts contain an extra feature whereby the DAC register
is not updated unless its input register has been updated since
the last time that LDAC was brought low. Normally, when
LDAC is brought low, the DAC registers are filled with the
contents of the input registers. In the case of the AD5332/
AD5333/AD5342/AD5343, the part will only update the DAC
register if the input register has been changed since the last
time the DAC register was updated. This removes unnecessary
crosstalk.
Clear Input (CLR)
CLR is an active low, asynchronous clear that resets the input and
DAC registers.
Chip Select Input (CS)
CS is an active low input that selects the device.
Write Input (WR)
WR is an active low input that controls writing of data to the
device. Data is latched into the input register on the rising edge
of WR.
Load DAC Input (LDAC)
LDAC transfers data from the input register to the DAC register
(and hence updates the outputs). Use of the LDAC function enables
double buffering of the DAC data, GAIN and BUF. There are
two LDAC modes:
Synchronous Mode: In this mode the DAC register is updated
after new data is read in on the rising edge of the WR input.
LDAC can be tied permanently low or pulsed as in Figure 1.
Asynchronous Mode: In this mode the outputs are not updated
at the same time that the input register is written to. When LDAC
goes low the DAC register is updated with the contents of the
input register.
Resistor String
The resistor string section is shown in Figure 29. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines at what node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it
is guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
VREF
Figure 29. Resistor String
DAC Reference Input
The DACs operate with an external reference. The AD5332,
AD5333, and AD5342 have separate reference inputs for each
DAC, while the AD5343 has a single reference input for both
DACs. The reference inputs on the AD5333 and AD5342 may
be configured as buffered or unbuffered. The reference inputs
of the AD5332 and AD5343 are unbuffered. The buffered/
unbuffered option is controlled by the BUF pin.
In buffered mode (BUF = 1) the current drawn from an exter-
nal reference voltage is virtually zero, as the impedance is at
least 10 M
Ω. The reference input range is 1 V to V
DD.
In unbuffered mode (BUF = 0) the user can have a reference
voltage as low as 0.25 V and as high as VDD since there is no
restriction due to headroom and footroom of the reference ampli-
fier. The impedance is still large at typically 180 k
Ω for 0–V
REF
mode and 90 k
Ω for 0–2 VREF mode.
If using an external buffered reference (e.g., REF192) there is
no need to use the on-chip buffer.
Output Amplifier
The output buffer amplifier is capable of generating output volt-
ages to within 1 mV of either rail. Its actual range depends on
VREF, GAIN, the load on VOUT and offset error.
If a gain of 1 is selected (GAIN = 0), the output range is 0.001 V
to VREF.
If a gain of 2 is selected (GAIN = 1), on the AD5333 and AD5342
the output range is 0.001 V to 2 VREF.
The output amplifier is capable of driving a load of 2 k
Ω to
GND or VDD, in parallel with 500 pF to GND or VDD. The
source and sink capabilities of the output amplifier can be seen
in Figure 15.
The slew rate is 0.7 V/
µs with a half-scale settling time to ±0.5 LSB
(at 8 bits) of 6
µs with the output unloaded. See Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com