Electronic Components Datasheet Search
  English  ▼

X  

H07N65 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H07N65
Description  N-Channel Power Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H07N65 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H07N65 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H07N65 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H07N65 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H07N65 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H07N65 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H07N65 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200801
Issued Date : 2008.07.22
Revised Date : 2009.0514
Page No. : 1/6
H07N65E, H07N65F
HSMC Product Specification
H07N65 Series
H07N65 Series Pin Assignment
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed
to withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• Robust High Voltage Termination
• Avalanc he Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and V
DS(on) Specified at Elevated Temperature
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDS
Drain-Source Voltage
650
V
ID
Drain to Current (Continuous)
7
A
IDM
Drain to Current (Pulsed)
28
A
VGS
Gate-to-Source Voltage (Continue)
±30
V
Total Power Dissipation (TC=25
oC)
H07N65E (TO-220AB)
H07N65F (TO-220FP)
120
48
W
W
PD
Derate above 25
OC
H07N65E (TO-220AB)
H07N65F (TO-220FP)
1.18
0.38
W/
°C
W/
oC
Tj
Operating Temperature Range
-55 to 150
OC
Tstg
Storage Temperature Range
-55 to 150
OC
EAS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
OC
(VDD=50V, VGS=10V, IL=7A, L=10mH, RG=25Ω)
530
mJ
TL
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
Note: 1. VDD=50V, ID=7A
2. Pulse Width and frequency is limited by Tj(max) and thermal response
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
H07N65 Series
Symbol:
G
D
S


Similar Part No. - H07N65

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H07N65D HUIXIN-H07N65D Datasheet
850Kb / 6P
7A N-Channel Power MOSFET
More results

Similar Description - H07N65

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com