Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 12 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD549
REV. A
–12–
The pH probe output is ideally zero volts at a pH of 7 indepen-
dent of temperature. The slope of the probe’s transfer function,
though predictable, is temperature dependent (–54.2 mV/pH at
0 and –74.04 mV/pH at 100
°C). By using an AD590 tempera-
ture sensor and an AD535 analog divider, an accurate tempera-
ture compensation network can be added to the basic pH probe
amplifier. The table in Figure 47 shows voltages at various points
and illustrates the compensation. The AD549 is set for a nonin-
verting gain of 13.51. The output of the AD590 circuitry (point
C) will be equal to 10 V at 100
°C and decrease by 26.8 mV/°C.
The output of the AD535 analog divider (point D) will be a
temperature compensated output voltage centered at zero volts
for a pH of 7, and having a transfer function of –1.00 V/pH
unit. The output range spans from –7.00 V (pH = 14) to +7.00 V
(pH = 0).
PROBE
A
B
C
D
TEMP
(PROBE OUTPUT)
(A
13.51)
(590 OUTPUT)
(10 B/C)
0
54.20 mV
0.732 V
7.32 V
1.00 V
25 C
59.16 mV
0.799 V
7.99 V
1.00 V
37 C
61.54 mV
0.831 V
8.31 V
1.00 V
60 C
66.10 mV
0.893 V
8.93 V
1.00 V
100 C
74.04 mV
1.000 V
10.00 V
1.00 V
Figure 47. Table Illustrating Temperature Compensation
TEMPERATURE COMPENSATED pH PROBE
AMPLIFIER
A pH probe can be modeled as a mV-level voltage source with a
series source resistance dependent upon the electrode’s compo-
sition and configuration. The glass bulb resistance of a typical
pH electrode pair falls between 10
6 and 109
Ω. It is therefore
important to select an amplifier with low enough input currents
such that the voltage drop produced by the amplifier’s input
bias current and the electrode resistance does not become an
appreciable percentage of a pH unit.
The circuit in Figure 46 illustrates the use of the AD549 as a
pH probe amplifier. As with other electrometer applications, the
use of guarding, shielding, Teflon standoffs, etc., is a must in
order to capitalize on the AD549’s low input current. If an
AD549L (60 fA max input current) is used, the error contrib-
uted by input current will be held below 60
µV for pH electrode
source impedances up to 109
Ω. Input offset voltage (which can
be trimmed) will be below 0.5 mV.
Figure 46. Temperature Compensated pH Probe Amplifier
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H) Package
0.045 (1.1)
0.020 (0.51)
0.034 (0.86)
0.028 (0.41)
1
3
5
0.2
(5.1)
TYP
2
4
6
7
8
45° EQUALLY
SPACED
BOTTOM VIEW
SEATING
PLANE
0.019 (0.48)
0.016 (0.41)
0.335 (8.50)
0.305 (7.75)
0.370 (9.40)
0.335 (8.50)
0.500
(12.70)
MIN
0.040
(1.0)
MAX
0.185 (4.70)
0.165 (4.19)
8 LEADS
DIA
INSULATION
0.05 (1.27) MAX
REFFERENCE
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com