Electronic Components Datasheet Search
  English  ▼

X  

FT531 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT531
Description  Ultra Low Noise, High PSRR, 250mA LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT531 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT531 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT531 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Fremont Micro Devices
FT531xx
www.fremontmicro.com
Page 7 of 23
DS531-A8
Vout=1.3V; En=Vin=(Vout+1)V; Cout=1uF unless otherwise noted
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
Accuracy
Vout
Iout=1mA
-2
---
+2
%
Imax
Vin=Vout+1V
250
300
---
mA
Current Limiter
Ishort
Vin=Vout+1V
---
20
---
mA
Line Regulations
△Vline
(Vout+1.0V)~6V
---
0.01
0.3
%/V
Load Regulation
△Vload
1mA
≤Iout≤100mA
---
10
---
mV
Dropout Voltage
Vdrop
Iout=100mA
---
380
---
mV
Supply Current
Iq
Vin=(Vout+1)V,Iout=0mA
---
36
---
uA
Standby Current
Istby
Shut down
---
0.01
1
uA
Temperature
Coefficient
△Vout/ (△Temp*
Vout)
Iout=30mA
-40°C
≤Temp≤85°C
---
100
---
ppm/
℃
Output Noise
Voltage
e
NO
10Hz~100kHz
---
30
---
uVrms
PSRR@1k
---
72
---
Ripple
Rejection Rate
PSRR@10k
Vin=Vout+1VDC+1Vp-pAC
Iout=30mA
---
60
---
dB
EN Input
Bias Current
Ien
---
0
100
nA
VL
---
---
---
0.3
V
EN Threshold
VH
---
1.2
---
6
V
* Dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below its nominal value measured at 1V differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com