Electronic Components Datasheet Search
  English  ▼

X  

AD5310 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5310
Description  2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5310 Datasheet HTML 12Page - Analog Devices AD5310 Datasheet HTML 13Page - Analog Devices AD5310 Datasheet HTML 14Page - Analog Devices AD5310 Datasheet HTML 15Page - Analog Devices AD5310 Datasheet HTML 16Page - Analog Devices AD5310 Datasheet HTML 17Page - Analog Devices AD5310 Datasheet HTML 18Page - Analog Devices AD5310 Datasheet HTML 19Page - Analog Devices AD5310 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–17–
Decoding Multiple AD5334/AD5335/AD5336/AD5344
The
CS pin on these devices can be used in applications to decode
a number of DACs. In this application, all DACs in the system
receive the same data and
WR pulses, but only the CS to one of
the DACs will be active at any one time, so data will only be
written to the DAC whose
CS is low. If multiple AD5343s are
being used, a common HBEN line will also be required to
determine if the data is written to the high-byte or low-byte
register of the selected DAC.
The 74HC139 is used as a 2- to 4-line decoder to address any
of the DACs in the system. To prevent timing errors from oc-
curring, the enable input should be brought to its inactive state
while the coded address inputs are changing state. Figure 36 shows
a diagram of a typical setup for decoding multiple devices in a
system. Once data has been written sequentially to all DACs in
a system, all the DACs can be updated simultaneously using a
common
LDAC line. A common CLR line can also be used to
reset all DAC outputs to zero (except on the AD5344).
ENABLE
CODED
ADDRESS
1G
1A
1B
VDD
VCC
74HC139
DGND
1Y0
1Y1
1Y2
1Y3
A0
A1
HBEN
WR
LDAC
CLR
DATA
INPUTS
DATA
INPUTS
DATA
INPUTS
A1
A0
HBEN*
WR
LDAC
CLR
CS
DATA
INPUTS
*AD5335 ONLY
A1
A0
HBEN*
WR
LDAC
CLR
CS
A1
A0
HBEN*
WR
LDAC
CLR
CS
A1
A0
HBEN*
WR
LDAC
CLR
CS
AD5334/AD5335/
AD5336/AD5344
AD5334/AD5335/
AD5336/AD5344
AD5334/AD5335/
AD5336/AD5344
AD5334/AD5335/
AD5336/AD5344
Figure 36. Decoding Multiple DAC Devices
AD5334/AD5335/AD5336/AD5344 as a Digitally Programmable
Window Detector
A digitally programmable upper/lower limit detector using two
of the DACs in the AD5334/AD5335/AD5336/AD5344 is
shown in Figure 37.
Any pair of DACs in the device may be used, but for simplicity
the description will refer to DACs A and B.
Care must be taken to connect the correct reference inputs to
the reference source. The AD5334 and AD5335 have only two
reference inputs, VREFA/B for DACs A and B and VREFC/D for
DACs C and D. If DACs A and B are used (for example) then
only VREFA/B is needed. DACs C and D and VREFC/D may be
used for some other purpose. The AD5336 and AD5344 have
separate reference inputs for each DAC.
The upper and lower limits for the test are loaded to DACs A
and B which, in turn, set the limits on the CMP04. If a signal at
the VIN input is not within the programmed window, an LED
will indicate the fail condition.
5V
0.1 F
10 F
AD5336/AD5344
GND
VREFA
VDD
VOUTA
VREFB
VOUTB
VIN
FAIL
PASS
1k
1k
PASS/
FAIL
1/6 74HC05
1/2
CMP04
VREF
Figure 37. Programmable Window Detector
Programmable Current Source
Figure 38 shows the AD5334/AD5335/AD5336/AD5344 used
as the control element of a programmable current source. In this
example, the full-scale current is set to 1 mA. The output volt-
age from the DAC is applied across the current setting resistor
of 4.7 k
Ω in series with the 470 Ω adjustment potentiometer,
which gives an adjustment of about
±5%. Suitable transistors to
place in the feedback loop of the amplifier include the BC107
and the 2N3904, which enable the current source to operate
from a minimum VSOURCE of 6 V. The operating range is deter-
mined by the operating characteristics of the transistor. Suitable
amplifiers include the AD820 and the OP295, both having rail-
to-rail operation on their outputs. The current for any digital
input code and resistor value can be calculated as follows:
IG
V
D
R
mA
REF
N
=×
×
×
()
2
Where:
G is the gain of the buffer amplifier (1 or 2)
D is the digital input code
N is the DAC resolution (8, 10, or 12 bits)
R is the sum of the resistor plus adjustment potentiometer in k
Ω
AD5334/AD5335/
AD5336/AD5344
GND
VDD = 5V
EXT
REF
VOUT*
AD780/REF192
WITH VDD = 5V
GND
VIN
VOUT
VREF*
VDD
4.7k
5V
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1 F
0.1 F
10 F
470
LOAD
VSOURCE
AD820/
OP295
Figure 38. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com