Electronic Components Datasheet Search
  English  ▼

X  

MBRH20045 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBRH20045
Description  High Surge Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBRH20045 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBRH20045 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRH20045 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM = 20 V - 100 V
IF = 200 A
Features
• High Surge Capability
D-67 Package
• Types up to 100 V VRRM
Parameter
Symbol
MBRH20045 (R) MBRH20060 (R)
Unit
Repetitive peak reverse
V
45
60
V
MBRH20045 thru MBRH200100R
MBRH200100 (R)
80
MBRH20080 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Conditions
100
voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Continuous forward current
IF
200
200
A
Operating temperature
Tj
-40 to 175
-40 to 175
°C
Storage temperature
Tstg
-40 to 175
-40 to 175
°C
Parameter
Symbol
MBRH20045 (R) MBRH20060 (R)
Unit
Diode forward voltage
0.65
0.75
55
250
250
Thermal characteristics
Thermal resistance, junction
- case
RthJC
0.8
0.8
°C/W
250
A
3000
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
VR = 20 V, Tj = 25 °C
IF = 200 A, Tj = 25 °C
TC ≤ 136 °C
Conditions
80
56
3000
3000
-40 to 175
200
200
3000
-40 to 175
MBRH200100 (R)
55
MBRH20080 (R)
0.8
VR = 20 V, Tj = 125 °C
0.8
0.84
0.84
250
mA
V
-40 to 175
-40 to 175
TC = 25 °C, tp = 8.3 ms
100
70
100
80
www.genesicsemi.com
1


Similar Part No. - MBRH20045

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRH20045 AMERICASEMI-MBRH20045 Datasheet
628Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRH20045 GENESIC-MBRH20045 Datasheet
361Kb / 3P
Silicon Power Schottky Diode
MBRH20045 GENESIC-MBRH20045 Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRH20045L GENESIC-MBRH20045L Datasheet
366Kb / 3P
Low VF Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRH20045R AMERICASEMI-MBRH20045R Datasheet
628Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
More results

Similar Description - MBRH20045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com