Electronic Components Datasheet Search
  English  ▼

X  

MBRT40045 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBRT40045
Description  High Surge Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBRT40045 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBRT40045 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRT40045 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM = 20 V - 100 V
IF = 400 A
Features
• High Surge Capability
Three Tower Package
• Types up to 100 V VRRM
• Isolation Type Package
Parameter
Symbol
MBRT40045 (R) MBRT40060 (R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
V
Silicon Power
Schottky Diode
MBRT40045 thru MBRT400100R
MBRT400100 (R)
80
MBRT40080 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
100
pp
g
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Continuous forward current
IF
400
400
A
Operating temperature
Tj
-40 to 150
-40 to 150
°C
Storage temperature
Tstg
-40 to 175
-40 to 175
°C
Parameter
Symbol
MBRT40045 (R) MBRT40060(R)
Unit
Diode forward voltage
0.75
0.8
11
20
20
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.14
0.14
°C/W
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
20
A
3000
VR = 20 V, Tj = 25 °C
IF = 200 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
57
3000
3000
-40 to 175
400
400
3000
-40 to 175
MBRT400100 (R)
11
MBRT40080 (R)
0.14
VR = 20 V, Tj = 125 °C
0.14
0.88
0.88
20
mA
V
-40 to 150
-40 to 150
TC = 25 °C, tp = 8.3 ms
70
100
80
www.genesicsemi.com
1


Similar Part No. - MBRT40045

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRT40045 AMERICASEMI-MBRT40045 Datasheet
642Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRT40045 GENESIC-MBRT40045 Datasheet
495Kb / 3P
Silicon Power Schottky Diode
MBRT40045 GENESIC-MBRT40045 Datasheet
727Kb / 3P
Silicon Power Schottky Diode
MBRT40045 GENESIC-MBRT40045 Datasheet
705Kb / 3P
Silicon Power Schottky Diode
MBRT40045L GENESIC-MBRT40045L Datasheet
605Kb / 3P
Low Silicon Power Schottky Diode
More results

Similar Description - MBRT40045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com