Electronic Components Datasheet Search
  English  ▼

X  

AM2G-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM2G-Z
Description  2 Watt | DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2G-Z Datasheet(HTML) 4 Page - AIMTEC

  AM2G-Z Datasheet HTML 1Page - AIMTEC AM2G-Z Datasheet HTML 2Page - AIMTEC AM2G-Z Datasheet HTML 3Page - AIMTEC AM2G-Z Datasheet HTML 4Page - AIMTEC AM2G-Z Datasheet HTML 5Page - AIMTEC AM2G-Z Datasheet HTML 6Page - AIMTEC AM2G-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series AM2G-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.K
4 of 7
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000 & 3000
VDC
Resistance
> 1000
Capacitance
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Voltage balance
Dual Output
±1
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Line voltage regulation
LL~HL
±0.5
%
Load voltage regulation
load 25~100%
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise*
At 20MHz Bandwidth
80
mV p-p
Rising time
50
ms
* The ripple and noise should be measured with connected 47μF capacitor and 0.1μF ceramic capacitor on the output of the converter.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
>100
650
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
+100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
4.5
g
Dimensions (L x W x H)
0.86 x 0.36 x 0.42 inch
21.85 x 9.20 x 10.60 mm
MTBF
>2 732 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022 Class A,
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com