Electronic Components Datasheet Search
  English  ▼

X  

AM2LP-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2LP-NZ
Description  2 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LP-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2LP-NZ Datasheet HTML 1Page - AIMTEC AM2LP-NZ Datasheet HTML 2Page - AIMTEC AM2LP-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM2LP-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 3
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Humidity
95
% RH
Case material
Plastic UL94-VO
Weight
1.41
g
Dimensions (L x W x H)
0.50 x 0.30 x 0.24 inches
12.70 x 11.20 x 6.50 mm
MTBF
> 3,500,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Pin Out Specifications
Dimensions
N.C: Not Connected
Tolerance Graph
Recommended Filter Circuit
Pin
Single
1
- V Input
2
+ V Input
3
N. C.
4
- V Output
5
.+V Output
6
N.C.
7
N.C.
8
N.C.
A
0.30
(0.01)
1.50
(0.06)
0.50
(0.02)
5.00º angle
A
7.50
(0.30)
7.00
(0.28)
6.70
(0.26)
Top View
Front View
Side View
6.25
(0.25)
1.85
(0.07)
12.70
(0.50)
2.54
(0.10)
1
11.20
(0.44)
6.00
(0.24)
4.13
(0.16)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
0.60
(0.024)
Nominal
Voltage
Typical Load Line
Output Current(%)
+2.5%
-2.5%
-7.5%
+10%
+5%
10%
50%
100%
DC
DC
+
Cout
+Vout
- Vin
Single Output
+ Vin
- Vin
+
Cin
L
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com