Electronic Components Datasheet Search
  English  ▼

X  

AD5544 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices AD5544 Datasheet HTML 10Page - Analog Devices AD5544 Datasheet HTML 11Page - Analog Devices AD5544 Datasheet HTML 12Page - Analog Devices AD5544 Datasheet HTML 13Page - Analog Devices AD5544 Datasheet HTML 14Page - Analog Devices AD5544 Datasheet HTML 15Page - Analog Devices AD5544 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD5544/AD5554
–12–
CLOCK FREQUENCY – Hz
100
1k
10k
100k
1M
100
VDD = 5V 10%
TA = 25 C
90
80
70
60
50
40
30
20
TPC 17. AD5544/AD5554 Power Supply Rejection
vs. Frequency
TEMPERATURE – C
55
–50
VDD = 5V
VREF = 10V
LOGIC = VDD
54
53
52
51
50
49
48
47
46
–25
0
25
50
75
100
125
150
TPC 18. AD5544/AD5554 Power Supply Current
vs. Temperature
LOGIC INPUT VOLTAGE – Volts
600
0
VDD = 5V
VREF = 10V
TA = 25 C
500
400
300
200
100
0
12345
TPC 19. AD5544/AD5554 Power Supply Current
vs. Logic Input Voltage
CIRCUIT OPERATION
The AD5544 and AD5554 contain four, 16-bit and 14-bit,
current-output, digital-to-analog converters respectively. Each
DAC has its own independent multiplying reference input. Both
AD5544/AD5554 use 3-wire SPI compatible serial data inter-
face, with a configurable asynchronous
RS pin for half-scale
(MSB = 1) or zero-scale (MSB = 0) preset. In addition, an
LDAC strobe enables four channel simultaneous updates for
hardware synchronized output voltage changes.
D/A Converter Section
Each part contains four current-steering R-2R ladder DACs.
Figure 4 shows a typical equivalent DAC. Each DAC contains
a matching feedback resistor for use with an external I-to-V
converter amplifier. The RFBX pin is connected to the output of
the external amplifier. The IOUTX terminal is connected to the
inverting input of the external amplifier. The AGNDX pin should
be Kelvin-connected to the load point in the circuit requiring
the full 16-bit accuracy. These DACs are designed to operate
with both negative or positive reference voltages. The VDD power
pin is only used by the logic to drive the DAC switches ON and
OFF. Note that a matching switch is used in series with the
internal 5 k
Ω feedback resistor. If users are attempting to mea-
sure the value of RFB, power must be applied to VDD in order to
achieve continuity. An additional VSS bias pin is used to guard
the substrate during high temperature applications to minimize
zero-scale leakage currents that double every 10
°C. The DAC
output voltage is determined by VREF and the digital data (D) as:
VV
OUT
REF
=−
×
D
65536
(For AD5544)
(Equation 1)
VV
OUT
REF
=−
×
D
16384
(For AD5554)
(Equation 2)
Note that the output polarity is opposite to the VREF polarity for
dc reference voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com