Electronic Components Datasheet Search
  English  ▼

X  

AD5312 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5312
Description  2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5312 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5312 Datasheet HTML 12Page - Analog Devices AD5312 Datasheet HTML 13Page - Analog Devices AD5312 Datasheet HTML 14Page - Analog Devices AD5312 Datasheet HTML 15Page - Analog Devices AD5312 Datasheet HTML 16Page - Analog Devices AD5312 Datasheet HTML 17Page - Analog Devices AD5312 Datasheet HTML 18Page - Analog Devices AD5312 Datasheet HTML 19Page - Analog Devices AD5312 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
AD5330/AD5331/AD5340/AD5341
–18–
Programmable Current Source
Figure 38 shows the AD5330/AD5331/AD5340/AD5341 used
as the control element of a programmable current source. In this
example, the full-scale current is set to 1 mA. The output volt-
age from the DAC is applied across the current setting resistor
of 4.7 k
Ω in series with the 470 Ω adjustment potentiometer,
which gives an adjustment of about
±5%. Suitable transistors to
place in the feedback loop of the amplifier include the BC107
and the 2N3904, which enable the current source to operate
from a minimum VSOURCE of 6 V. The operating range is deter-
mined by the operating characteristics of the transistor. Suitable
amplifiers include the AD820 and the OP295, both having rail-
to-rail operation on their outputs. The current for any digital
input code and resistor value can be calculated as follows:
IG
V
D
R
mA
REF
N
=×
×
×
()
2
Where:
G is the gain of the buffer amplifier (1 or 2)
D is the digital equivalent of the digital input code
N is the DAC resolution (8, 10, or 12 bits)
R is the sum of the resistor plus adjustment potentiometer in k
Ω
AD5330/AD5331/
AD5340/AD5341
GND
VDD = 5V
EXT
REF
VOUT
AD780/REF192
WITH VDD = 5V
GND
VIN
VOUT
VREF
VDD
4.7k
5V
0.1 F
0.1 F
10 F
470
LOAD
VSOURCE
AD820/
OP295
Figure 38. Programmable Current Source
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5330/AD5331/AD5340/AD5341 is mounted should be
designed so that the analog and digital sections are separated,
and confined to certain areas of the board. If the device is in a
system where multiple devices require an AGND-to-DGND
connection, the connection should be made at one point only.
The star ground point should be established as closely as pos-
sible to the device. The AD5330/AD5331/AD5340/AD5341
should have ample supply bypassing of 10
µF in parallel with
0.1
µF on the supply located as close to the package as pos-
sible, ideally right up against the device. The 10
µF capacitors
are the tantalum bead type. The 0.1
µF capacitor should have
low Effective Series Resistance (ESR) and Effective Series Induc-
tance (ESI), like the common ceramic types that provide a low
impedance path to ground at high frequencies to handle tran-
sient currents due to internal logic switching.
The power supply lines of the device should use as large a trace
as possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals such
as clocks should be shielded with digital ground to avoid radiat-
ing noise to other parts of the board, and should never be run
near the reference inputs. Avoid crossover of digital and ana-
log signals. Traces on opposite sides of the board should run
at right angles to each other. This reduces the effects of feed-
through through the board. A microstrip technique is by far
the best, but not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground plane while signal traces are placed on the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com