Electronic Components Datasheet Search
  English  ▼

X  

AM3Q-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM3Q-Z
Description  3 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3Q-Z Datasheet(HTML) 1 Page - AIMTEC

  AM3Q-Z Datasheet HTML 1Page - AIMTEC AM3Q-Z Datasheet HTML 2Page - AIMTEC AM3Q-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM3Q-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
 RoHS Compliant
 Operating Temperature -40ºC to 85ºC
 Wide 2:1 input range
Input / Output Isolation of 500VAC
 High Efficiency up to 85%
No Tantalum capacitors used inside
 Continuous short circuit
 Over voltage protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VAC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3Q-0505SZ
4.5-9
5
600
500
100
67
AM3Q-0512SZ
4.5-9
12
250
500
100
70
AM3Q-0515SZ
4.5-9
15
200
500
100
70
AM3Q-1205SZ
9-18
5
600
500
100
70
AM3Q-1212SZ
9-18
12
250
500
100
74
AM3Q-1215SZ
9-18
15
200
500
100
74
AM3Q-2405SZ
18-36
5
600
500
220
71
AM3Q-2412SZ
18-36
12
250
500
220
75
AM3Q-2415SZ
18-36
15
200
500
220
75
AM3Q-4805SZ
36-75
5
600
500
220
71
AM3Q-4812SZ
36-75
12
250
500
220
76
AM3Q-4815SZ
36-75
15
200
500
220
76
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VAC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3Q-0512DZ
4.5-9
±12
±130
500
±220
82
AM3Q-0515DZ
4.5-9
±15
±100
500
±100
82
AM3Q-1212DZ
9-18
±12
±130
500
±220
84
AM3Q-1215DZ
9-18
±15
±100
500
±100
85
AM3Q-2412DZ
18-36
±12
±130
500
±220
84
AM3Q-2415DZ
18-36
±15
±100
500
±100
85
AM3Q-4812DZ
36-75
±12
±130
500
±220
84
AM3Q-4815DZ
36-75
±15
±100
500
±100
84
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-75
Filter
π (Pi) Network
Start up time
20
ms
No Load Input Current
25
mA
Input reflected current
20
mA


Similar Part No. - AM3Q-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_16 Datasheet
269Kb / 3P
3 Watt | DC-DC Converter
More results

Similar Description - AM3Q-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com