Electronic Components Datasheet Search
  English  ▼

X  

AD5303 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5303
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5303 Datasheet(HTML) 5 Page - Analog Devices

  AD5303 Datasheet HTML 1Page - Analog Devices AD5303 Datasheet HTML 2Page - Analog Devices AD5303 Datasheet HTML 3Page - Analog Devices AD5303 Datasheet HTML 4Page - Analog Devices AD5303 Datasheet HTML 5Page - Analog Devices AD5303 Datasheet HTML 6Page - Analog Devices AD5303 Datasheet HTML 7Page - Analog Devices AD5303 Datasheet HTML 8Page - Analog Devices AD5303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–5–
AD5332 FUNCTIONAL BLOCK DIAGRAM
POWER-ON
RESET
DAC
REGISTER
DAC
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INTER-
FACE
LOGIC
DB7
DB0
CS
WR
A0
CLR
LDAC
.
.
.
VREFA
RESET
VREFB
VOUTA
BUFFER
AD5332
VOUTB
BUFFER
VDD
POWER-DOWN
LOGIC
PD GND
8-BIT
DAC
8-BIT
DAC
AD5332 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VREFB
Unbuffered reference input for DAC B.
2VREFA
Unbuffered reference input for DAC A.
3VOUTA
Output of DAC A. Buffered output with rail-to-rail operation.
4VOUTB
Output of DAC B. Buffered output with rail-to-rail operation.
5
GND
Ground reference point for all circuitry on the part.
6
CS
Active low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
7
WR
Active low Write Input. This is used in conjunction with CS to write data to the parallel interface.
8
A0
Address pin for selecting which DAC A and DAC B.
9
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zeros.
10
LDAC
Active low control input that updates the DAC registers with the contents of the input registers. This
allows all DAC outputs to be simultaneously updated.
11
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
12
VDD
Power Supply Pin. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 F capacitor in parallel with a 0.1 F capacitor to GND.
13–20
DB0–DB7
Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
AD5332 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD5332
LDAC
A0
WR
CS
GND
VREFB
VREFA
VOUTB
VOUTA
PD
VDD
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
8-BIT
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com