Electronic Components Datasheet Search
  English  ▼

X  

AD5542LR Datasheet(PDF) 10 Page - Analog Devices

Part # AD5542LR
Description  5 V, Serial-Input Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5542LR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5542LR Datasheet HTML 4Page - Analog Devices AD5542LR Datasheet HTML 5Page - Analog Devices AD5542LR Datasheet HTML 6Page - Analog Devices AD5542LR Datasheet HTML 7Page - Analog Devices AD5542LR Datasheet HTML 8Page - Analog Devices AD5542LR Datasheet HTML 9Page - Analog Devices AD5542LR Datasheet HTML 10Page - Analog Devices AD5542LR Datasheet HTML 11Page - Analog Devices AD5542LR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD5541/AD5542
–10–
REV. A
The AD5542 has an LDAC function that allows the DAC latch
to be updated asynchronously by bringing LDAC low after CS
goes high. LDAC should be maintained high while data is written
to the shift register. Alternatively, LDAC may be tied permanently
low to update the DAC synchronously. With LDAC tied perma-
nently low, the rising edge of CS will load the data to the DAC.
Unipolar Output Operation
These DACs are capable of driving unbuffered loads of 60 k
Ω.
Unbuffered operation results in low-supply current, typically
300
µA, and a low-offset error. The AD5541 provides a unipolar
output swing ranging from 0 V to VREF. The AD5542 can be
configured to output both unipolar and bipolar voltages. Figure
19 shows a typical unipolar output voltage circuit. The code
table for this mode of operation is shown in Table I.
AD5541/AD5542
AD820/
OP196
DGND
* AD5542 ONLY
VDD
REFS*
REF(REFF*)
OUT
SCLK
DIN
CS
AGND
+5V
+2.5V
EXTERNAL
OP AMP
UNIPOLAR
OUTPUT
10 F
0.1 F
LDAC*
0.1 F
SERIAL
INTERFACE
Figure 19. Unipolar Output
Table I. Unipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1111 1111 1111 1111
VREF × (65,535/65,536)
1000 0000 0000 0000
VREF × (32,768/65,536) = 1/2 VREF
0000 0000 0000 0001
VREF × (1/65,536)
0000 0000 0000 0000
0 V
Assuming a perfect reference, the worst case output voltage may
be calculated from the following equation.
Unipolar Mode Worst-Case Output
V
D
V
V
V
INL
OUT UNI
REF
GE
ZSE
–
()
=
×
+++
216
where
VOUT–UNI = Unipolar Mode Worst-Case Output
D
= Code Loaded to DAC
VREF
= Reference Voltage Applied to Part
VGE
= Gain Error in Volts
VZSE
= Zero Scale Error in Volts
INL
= Integral Nonlinearity in Volts
Bipolar Output Operation
With the aid of an external op amp, the AD5542 may be config-
ured to provide a bipolar voltage output. A typical circuit of
such operation is shown in Figure 20. The matched bipolar off-
set resistors RFB and RINV are connected to an external op amp to
achieve this bipolar output swing, typically RFB = RINV = 28 kΩ.
Table II shows the transfer function for this output operating
mode. Also provided on the AD5542 are a set of Kelvin connec-
tions to the analog ground inputs.
AD5541/AD5542
DGND
VDD
REFS
REFF
OUT
SCLK
DIN
CS
+5V
+2.5V
EXTERNAL
OP AMP
BIPOLAR
OUTPUT
10 F
SERIAL
INTERFACE
0.1 F
LDAC
0.1 F
INV
RINV
+5V
–5V
RFB
RFB
AGNDS
AGNDF
Figure 20. Bipolar Output (AD5542 Only)
Table II. Bipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1111 1111 1111 1111
+VREF × (32,767/32,768)
1000 0000 0000 0001
+VREF × (1/32,768)
1000 0000 0000 0000
0 V
0111 1111 1111 1111
–VREF × (1/32,768)
0000 0000 0000 0000
–VREF × (32,768/32,768) = –VREF
Assuming a perfect reference, the worst-case bipolar output
voltage may be calculated from the following equation.
Bipolar Mode Worst-Case Output
V
VV
RD
V
RD
RD A
OUT BIP
OUT UNI
OS
REF
–
–
–
/
=
+
() +
()
+
()
[]
++
()
21
12
where
VOS = External Op Amp Input Offset Voltage
RD = RFB and RIN Resistor Matching Error
A
= Op Amp Open-Loop Gain
Output Amplifier Selection
For bipolar mode, a precision amplifier should be used, supplied
from a dual power supply. This will provide the
±V
REF output.
In a single-supply application, selection of a suitable op amp
may be more difficult as the output swing of the amplifier does
not usually include the negative rail, in this case AGND. This
can result in some degradation of the specified performance
unless the application does not use codes near zero.
The selected op amp needs to have very low-offset voltage, (the
DAC LSB is 38
µV with a 2.5 V reference), to eliminate the
need for output offset trims. Input bias current should also be
very low as the bias current multiplied by the DAC output
impedance (approximately 6K) will add to the zero code error.
Rail-to-rail input and output performance is required. For fast
settling, the slew rate of the op amp should not impede the
settling time of the DAC. Output impedance of the DAC is
constant and code-independent, but in order to minimize gain
errors, the input impedance of the output amplifier should be
as high as possible. The amplifier should also have a 3 dB band-
width of 1 MHz or greater. The amplifier adds another time
constant to the system, hence increasing the settling time of the
output. A higher 3 dB amplifier bandwidth results in a shorter
effective settling time of the combined DAC and amplifier.
Force Sense Amplifier Selection
These amplifiers will be single-supply, low-noise amplifiers. A
low-output impedance at high frequencies is preferred as they
need to be able to handle dynamic currents of up to
±20 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com