Electronic Components Datasheet Search
  English  ▼

X  

AD568 Datasheet(PDF) 5 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 5 Page - Analog Devices

  AD568 Datasheet HTML 1Page - Analog Devices AD568 Datasheet HTML 2Page - Analog Devices AD568 Datasheet HTML 3Page - Analog Devices AD568 Datasheet HTML 4Page - Analog Devices AD568 Datasheet HTML 5Page - Analog Devices AD568 Datasheet HTML 6Page - Analog Devices AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AD568
REV. A
–5–
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
RTH
1k
Ω
+5V
NC
NC
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
Figure 5. Bipolar Output Unbuffered
±1.024 V
Optional Gan and Zero Adjustment
The gain and offset are laser trimmed to minimize their effects
on circuit performance. However, in some applications, it may
be desirable to externally reduce these errors further. In those
cases, the following procedures are suggested.
UNIPOLAR MODE: (Refer to Figure 6)
Step 1 – Set all bits (BIT 1–BIT 12) to Logic “0” (OFF)—note
the output voltage. This is the offset error.
Step 2 – Set all bits to Logic “1” (ON). Adjust the gain trim re-
sistor so that the output voltage is equal to the desired full scale
minus 1 LSB plus the offset error measured in step 1.
Step 3 – Reset all bits to Logic “0” (OFF). Adjust the offset
trim resistor for 0 V output.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
IBPO
RL
ACOM
LCOM
IOUT
DIGITAL
INPUTS
5.11k
Ω
BIT 1
MSB
BIT 12
LSB
ANALOG
OUTPUT
(0 TO 1.024V)
100
Ω
OFFSET
GAIN
20
Ω
Figure 6. Unbuffered Unipolar Gain and Zero Adjust
BIPOLAR MODE (Refer to Figure 7)
Step 1 – Set bits to offset binary “zero” (10 . . . 00). Adjust the
zero resistor to produce 0 V at the DAC output. This removes
the bipolar zero error.
Step 2 – Set all bits to Logic “1” (ON). Adjust gain trim resistor
so the output voltage is equal to the desired full-scale minus
l LSB .
Step 3 – (Optional) If precise trimming of the bipolar offset is
preferred to trimming of bipolar zero: set all bits to Logic “0”
(OFF). Trim the zero resistor to produce the desired negative
full scale at the DAC output. Note: this may slightly compro-
mise the bipolar zero trim.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
IBPO
RL
ACOM
LCOM
IOUT
DIGITAL
INPUTS
5.11k
Ω
BIT 1
MSB
BIT 12
LSB
ANALOG
OUTPUT
(–0.512 TO
0.512V)
75
Ω
GAIN
20
Ω
20k
Ω
VEE
VCC
ZERO
Figure 7. Bipolar Unbuffered Gain and Zero Adjust
BUFFERED VOLTAGE OUTPUT
For full-scale outputs of greater than 1 V, some type of external
buffer amplifier is required. The AD840 fills this requirement
perfectly, settling to 0.025% from a 10 V full-scale step in less
than 100 ns.
A 1 k
Ω span resistor has been provided on chip for use as a
feedback resistor in buffered applications. Using RSPAN (Pins 15,
16) introduces a 100 mW code-dependent power source onto
the chip which may generate a slight degradation in linearity.
Maximum linearity performance can be realized by using an ex-
ternal span resistor.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
+5V
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
5pF
–VS
+VS
100
Ω
RTH
1k
Ω
AD840
AMPLIFIER NOISE GAIN: 11
Figure 8. Unipolar Output Buffered 0 to –10.24V
Unipolar Inverting Configuration
Figure 8 shows the connections for producing a – 10.24 V full-
scale swing. This configuration uses the AD568 in the current
output mode into a summing junction at the inverting input ter-
minal of the external op amp. With the load resistor RL
grounded, the DAC has an output impedance of 100
Ω. This
produces a noise gain of 11 from the noninverting terminal of
the op amp, and hence, satisfies the stability criterion of the
AD840 (stable at a gain of 10). The addition of a 5 pF compen-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com