Electronic Components Datasheet Search
  English  ▼

X  

H234 Datasheet(PDF) 8 Page - Hi-Sincerity Mocroelectronics

Part # H234
Description  Constant Voltage and Constant Current Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H234 Datasheet(HTML) 8 Page - Hi-Sincerity Mocroelectronics

  H234 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H234 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200915
Issued Date : 2009.08.12
Revised Date :
Page No. : 8/8
H234
HSMC Product Specification
SOT-23-6L (TSOP-6) Dimension
DIM
Min.
Max.
A
2.70
3.12
B
2.60
3.00
C
1.40
1.80
D
0.30
0.55
E
0.00
0.10
F
0°
10°
G
1.80
2.00
H
-
1.30
I
0.10
0.21
J
0.30
0.60
K
0.6*
L
0.95*
M
0.25*
N
1.00
1.20
*: Typical, Unit: mm
SOT-23-6L(TSOP-6) Surface Mounted Package
HSMC Package Code: N
Marking:
Pin Style: 1. Vctrl 2. GND 3. Vout
4.Ictrl 5. Vsense 6. Vcc
Material:
• Lead solder plating: Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class:
UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of AVANTIC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• AVANTICS Microelectronics Corp: No. 255, Cai Lun Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai, China
Tel: 86-021-58955599 FH: 86-021-58558038



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com