Electronic Components Datasheet Search
  English  ▼

X  

HST16 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HST16
Description  TRIAC 600V,16A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST16 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HST16 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST16 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST16 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST16 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200905
Issued Date : 2009.08.17
Revised Date :
Page No. : 1/4
HST16
HSMC Product Specification
HST16
TRIAC 600V,16A
Description
Passivated, sensitive gate triacs in a plastic envelope, intended for use in general
purpose bidirectional switching and phase control applications, where high
sensitivity is required in all four quadrants.
TO-220AB
Pin Configuration
Pin
Description
1
Main terminal 1
2
Main terminal 2
3
Gate
tab
Main terminal 2
12
3
tab
Symbol
T2
T1
G
Limtiing Values
Symbol
Parameter
Min.
Max.
Units
VDRM
Repetitive peak off-state voltages
-
600
V
IT(RMS)
RMS on-state current
-
16
A
ITSM
Non-repetitive peak on-state current(F=50Hz,tp=20ms)
-
160
A
I
2t
I
2t for fusing (IT=10ms)
-
98
A
2S
dIT/dt
Repetitive rate of rise of on-state current after triggering
(F=50Hz,IG=50mA,dIg/dt=0.1us)
-
50
A/us
IGM
Peak gate current(tp=20us,Tj=125
°C)
-
4
A
PG(AV)
Average gate power (Tj=125
°C)
-
1
W
Tstg
Storage Temperature Range
-40
150
°C
Tj
Operating junction temperature
-40
125
°C


Similar Part No. - HST16

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HST1.1-12-5-2Y PANDUIT-HST1.1-12-5-2Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-12-5Y PANDUIT-HST1.1-12-5Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-48-5-2Y PANDUIT-HST1.1-48-5-2Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-48-5Y PANDUIT-HST1.1-48-5Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-6-3Y PANDUIT-HST1.1-6-3Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
More results

Similar Description - HST16

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
600V 16A TRIAC
logo
Renesas Technology Corp
BCR16PR-12LB RENESAS-BCR16PR-12LB Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB_15 Datasheet
163Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16PM-12LC RENESAS-BCR16PM-12LC_15 Datasheet
200Kb / 8P
600V ??16A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
600V - 16A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC_15 Datasheet
147Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16PR-12LB RENESAS-BCR16PR-12LB_15 Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FM-12LC RENESAS-BCR16FM-12LC Datasheet
514Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FR-12LB RENESAS-BCR16FR-12LB Datasheet
498Kb / 8P
600V - 16A - Triac Medium Power Use
Oct. 10, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com