Electronic Components Datasheet Search
  English  ▼

X  

AD5306 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5306 Datasheet HTML 11Page - Analog Devices AD5306 Datasheet HTML 12Page - Analog Devices AD5306 Datasheet HTML 13Page - Analog Devices AD5306 Datasheet HTML 14Page - Analog Devices AD5306 Datasheet HTML 15Page - Analog Devices AD5306 Datasheet HTML 16Page - Analog Devices AD5306 Datasheet HTML 17Page - Analog Devices AD5306 Datasheet HTML 18Page - Analog Devices AD5306 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD5330/AD5331/AD5340/AD5341
–15–
The low data byte of the AD5341 consists of data bits 0 to 7 at
data inputs DB0 to DB7, while the high byte consists of data
bits 8 to 11 at data inputs DB0 to DB3 as shown in Figure 29.
DB4 to DB7 are ignored during a high-byte write, but they may
be used for data to set up the reference input as buffered/
unbuffered, and buffer amplifier gain. See Figure 33.
DB8
DB9
X
X
HIGH BYTE
LOW BYTE
X = UNUSED BIT
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
XX
DB10
DB11
Figure 29. Data Format for AD5341
POWER-ON RESET
The AD5330/AD5331/AD5340/AD5341 are provided with a
power-on reset function, so that they power up in a defined state.
The power-on state is:
• Normal Operation
• Reference Input Unbuffered
•0 – VREF Output Range
• Output Voltage Set to 0 V
Both input and DAC registers are filled with zeros and remain so
until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.
POWER-DOWN MODE
The AD5330/AD5331/AD5340/AD5341 have low power con-
sumption, dissipating only 0.35 mW with a 3 V supply and
0.7 mW with a 5 V supply. Power consumption can be further
reduced when the DAC is not in use by putting it into power-
down mode, which is selected by taking pin
PD low.
When the
PD pin is high, the DAC works normally with a
typical power consumption of 140
µA at 5 V (115 µA at 3 V).
In power-down mode, however, the supply current falls to
200 nA at 5 V (80 nA at 3 V) when the DAC is powered-down.
Not only does the supply current drop, but the output stage is
also internally switched from the output of the amplifier mak-
ing it open-circuit. This has the advantage that the output is
three-state while the part is in power-down mode and pro-
vides a defined input condition for whatever is connected to
the output of the DAC amplifier. The output stage is illus-
trated in Figure 30.
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
VOUT
Figure 30. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string,
and all other associated linear circuitry are shut down when
the power-down mode is activated. However, the contents
of the registers are unaffected when in power-down. The time
to exit power-down is typically 2.5
µs for VDD = 5 V and 5 µs
when VDD = 3 V. This is the time from a rising edge on the
PD pin to when the output voltage deviates from its power-
down voltage. See Figure 22.
Table I. AD5330/AD5331/AD5340 Truth Table
CLR
LDAC
CS
WR
Function
111X
No Data Transfer
1
1
X
1
No Data Transfer
0
XXXClear All Registers
1100
➝1
Load Input Register
1000
➝1
Load Input Register and DAC Register
1
0
X
X
Update DAC Register
X = don’t care.
Table II. AD5341 Truth Table
CLR
LDAC
CS
WR
HBEN
Function
1
1
1
X
X
No Data Transfer
1
1
X
1
X
No Data Transfer
0
XXXXClear All Registers
1100
➝1
0
Load Low-Byte Input Register
1100
➝1
1
Load High-Byte Input Register
1000
➝1
0
Load Low-Byte Input Register and DAC Register
1000
➝1
1
Load High-Byte Input Register and DAC Register
1
0
XXXUpdate DAC Register
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com