Electronic Components Datasheet Search
  English  ▼

X  

AD5307 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5307
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5307 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5307 Datasheet HTML 11Page - Analog Devices AD5307 Datasheet HTML 12Page - Analog Devices AD5307 Datasheet HTML 13Page - Analog Devices AD5307 Datasheet HTML 14Page - Analog Devices AD5307 Datasheet HTML 15Page - Analog Devices AD5307 Datasheet HTML 16Page - Analog Devices AD5307 Datasheet HTML 17Page - Analog Devices AD5307 Datasheet HTML 18Page - Analog Devices AD5307 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–15–
High-Byte Enable Input (HBEN)
High-Byte Enable is a control input on the AD5343 only that
determines if data is written to the high-byte input register or
the low-byte input register.
The low data byte of the AD5343 consists of data bits 0 to 7 at
data inputs DB0 to DB7, while the high byte consists of data
bits 8 to 11 at data inputs DB0 to DB3. DB4 to DB7 are ignored
during a high byte write, but they may be used for data to
set up the reference input as buffered/unbuffered, and buffer
amplifier gain. See Figure 32.
DB8
DB9
X
X
HIGH BYTE
LOW BYTE
X = UNUSED BIT
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
XX
DB10
DB11
Figure 30. Data Format for AD5343
POWER-ON RESET
The AD5332/AD5333/AD5342/AD5343 are provided with a
power-on reset function, so that they power up in a defined state.
The power-on state is:
• Normal operation
• Reference input unbuffered
•0 – VREF output range
• Output voltage set to 0 V
Both input and DAC registers are filled with zeros and remain
so until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.
POWER-DOWN MODE
The AD5332/AD5333/AD5342/AD5343 have low power con-
sumption, dissipating typically 0.69 mW with a 3 V supply and
1.5 mW with a 5 V supply. Power consumption can be further
reduced when the DACs are not in use by putting them into
power-down mode, which is selected by taking pin PD low.
When the PD pin is high, the DACs work normally with a typical
power consumption of 300
µA at 5 V (230 µA at 3 V). In power-
down mode, however, the supply current falls to 200 nA at 5 V
(80 nA at 3 V) when both DACs are powered down. Not only
does the supply current drop, but the output stage is also internally
switched from the output of the amplifier, making it open-circuit.
This has the advantage that the outputs are three-state while
the part is in power-down mode, and provides a defined input
condition for whatever is connected to the outputs of the DAC
amplifiers. The output stage is illustrated in Figure 31.
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
VOUT
Figure 31. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
all other associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
registers are unaffected when in power-down. The time to exit
power-down is typically 2.5
µs for VDD = 5 V and 5 µs when
VDD = 3 V. This is the time from a rising edge on the PD pin to
when the output voltage deviates from its power-down voltage.
See Figure 22.
Table I. AD5332/AD5333/AD5342 Truth Table
CLR
LDAC
CS
WR
A0
Function
111X
X
No Data Transfer
1
1
X
1
X
No Data Transfer
0
X
X
X
X
Clear All Registers
1100
➝1
0
Load DAC A Input Register
1100
➝1
1
Load DAC B Input Register
1
0
X
X
X
Update DAC Registers
X = don’t care.
Table II. AD5343 Truth Table
CLR
LDAC
CS
WR
A0
HBEN
Function
1
1
1
X
X
X
No Data Transfer
1
1
X
1
X
X
No Data Transfer
0
X
X
X
X
X
Clear All Registers
11
0
0
➝1
0
0
Load DAC A Low Byte Input Register
11
0
0
➝1
0
1
Load DAC A High Byte Input Register
11
0
0
➝1
1
0
Load DAC B Low Byte Input Register
11
0
0
➝1
1
1
Load DAC B High Byte Input Register
1
0
X
X
X
X
Update DAC Registers
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com