Electronic Components Datasheet Search
  English  ▼

X  

AD5307 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5307
Description  2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5307 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5307 Datasheet HTML 12Page - Analog Devices AD5307 Datasheet HTML 13Page - Analog Devices AD5307 Datasheet HTML 14Page - Analog Devices AD5307 Datasheet HTML 15Page - Analog Devices AD5307 Datasheet HTML 16Page - Analog Devices AD5307 Datasheet HTML 17Page - Analog Devices AD5307 Datasheet HTML 18Page - Analog Devices AD5307 Datasheet HTML 19Page - Analog Devices AD5307 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–18–
Coarse and Fine Adjustment Using the AD5334/AD5335/
AD5336/AD5344
Two of the DACs in the AD5334/AD5335/AD5336/AD5344 can
be paired together to form a coarse and fine adjustment function,
as shown in Figure 39. As with the window comparator previ-
ously described, the description will refer to DACs A, and B and
the reference connections will depend on the actual device used.
DAC A is used to provide the coarse adjustment while DAC B
provides the fine adjustment. Varying the ratio of R1 and R2 will
change the relative effect of the coarse and fine adjustments. With
the resistor values shown the output amplifier has unity gain for
the DAC A output, so the output range is zero to (VREF – 1 LSB).
For DAC B the amplifier has a gain of 7.6
× 10–3, giving DAC B
a range equal to 2 LSBs of DAC A.
The circuit is shown with a 2.5 V reference, but reference volt-
ages up to VDD may be used. The op amps indicated will allow a
rail-to-rail output swing.
GND
VDD = 5V
EXT
REF
AD780/REF192
WITH VDD = 5V
VIN
VOUT
R2
51.2k
VOUT
5V
0.1 F
0.1 F
10 F
AD5336/AD5344
GND
VREFA
VDD
VOUTA
R1
390
VREFB
VOUTB
R4
390
R3
51.2k
Figure 39. Coarse and Fine Adjustment
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5334/AD5335/AD5336/AD5344 is mounted should be
designed so that the analog and digital sections are separated,
and confined to certain areas of the board. If the device is in a
system where multiple devices require an AGND-to-DGND
connection, the connection should be made at one point only.
The star ground point should be established as closely as pos-
sible to the device. The AD5334/AD5335/AD5336/AD5344
should have ample supply bypassing of 10
µF in parallel with
0.1
µF on the supply located as close to the package as possible,
ideally right up against the device. The 10
µF capacitors are the
tantalum bead type. The 0.1
µF capacitor should have low
Effective Series Resistance (ESR) and Effective Series Inductance
(ESI), like the common ceramic types that provide a low imped-
ance path to ground at high frequencies to handle transient
currents due to internal logic switching.
The power supply lines of the device should use as large a trace
as possible to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching sig-
nals such as clocks should be shielded with digital ground to
avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This reduces the effects of
feedthrough through the board. A microstrip technique is by
far the best, but not always possible with a double-sided board.
In this technique, the component side of the board is dedicated
to ground plane while signal traces are placed on the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com