Electronic Components Datasheet Search
  English  ▼

X  

AD5317 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5317
Description  2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5317 Datasheet HTML 3Page - Analog Devices AD5317 Datasheet HTML 4Page - Analog Devices AD5317 Datasheet HTML 5Page - Analog Devices AD5317 Datasheet HTML 6Page - Analog Devices AD5317 Datasheet HTML 7Page - Analog Devices AD5317 Datasheet HTML 8Page - Analog Devices AD5317 Datasheet HTML 9Page - Analog Devices AD5317 Datasheet HTML 10Page - Analog Devices AD5317 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–7–
AD5336 FUNCTIONAL BLOCK DIAGRAM
VOUTA
BUFFER
GND
AD5336
VOUTB
BUFFER
VOUTC
BUFFER
VOUTD
BUFFER
POWER-ON
RESET
TO ALL DACS
AND BUFFERS
POWER-DOWN
LOGIC
PD
DAC
REGISTER
INPUT
REGISTER
VREFC
INTER-
FACE
LOGIC
VDD
VREFB
GAIN
DB9
DB0
CS
WR
A0
A1
CLR
LDAC
.
.
.
VREFA
VREFD
RESET
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
AD5336 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VREFD
Unbuffered Reference Input for DAC D.
2VREFC
Unbuffered Reference Input for DAC C.
3VREFB
Unbuffered Reference Input for DAC B.
4VREFA
Unbuffered Reference Input for DAC A.
5VOUTA
Output of DAC A. Buffered output with rail-to-rail operation.
6VOUTB
Output of DAC B. Buffered output with rail-to-rail operation.
7VOUTC
Output of DAC C. Buffered output with rail-to-rail operation.
8VOUTD
Output of DAC D. Buffered output with rail-to-rail operation.
9
GND
Ground Reference Point for All Circuitry on the Part.
10
CS
Active Low Chip Select Input. This is used in conjunction with
WR to write data to the parallel interface.
11
WR
Active Low Write Input. This is used in conjunction with
CS to write data to the parallel interface.
12
A0
LSB Address Pin for Selecting which DAC Is to Be Written to.
13
A1
MSB Address Pin for Selecting which DAC is to Be Written to.
14
LDAC
Active Low Control Input that Updates the DAC Registers with the Contents of the Input Registers.
This allows all DAC outputs to be simultaneously updated.
15
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
16
VDD
Power Supply Pin. This part can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10
µF capacitor in parallel with a 0.1 µF capacitor to GND.
17–26
DB0–DB9
10 Parallel Data Inputs. DB9 is the MSB of these 10 bits.
27
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0–VREF or 0–2 VREF.
28
CLR
Asynchronous Active Low Control Input that Clears All Input Registers and DAC Registers to Zeros.
AD5336 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD5336
LDAC
A1
A0
WR
CS
GND
VOUTD
VREFC
VREFB
VREFA
VOUTC
VOUTB
VOUTA
VREFD
PD
VDD
DB0
DB1
DB2
DB3
DB4
CLR
GAIN
DB9
DB8
DB5
DB6
DB7
10-BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com