Electronic Components Datasheet Search
  English  ▼

X  

AD584 Datasheet(PDF) 3 Page - Analog Devices

Part # AD584
Description  Pin Programmable Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584 Datasheet(HTML) 3 Page - Analog Devices

  AD584 Datasheet HTML 1Page - Analog Devices AD584 Datasheet HTML 2Page - Analog Devices AD584 Datasheet HTML 3Page - Analog Devices AD584 Datasheet HTML 4Page - Analog Devices AD584 Datasheet HTML 5Page - Analog Devices AD584 Datasheet HTML 6Page - Analog Devices AD584 Datasheet HTML 7Page - Analog Devices AD584 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD584
Model
AD584S
AD584T
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE TOLERANCE
Maximum Error
1 for Nominal
Outputs of:
10.000 V
30
10
mV
7.500 V
20
8
mV
5.000 V
15
±6
mV
2.500 V
7.5
3.5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from +25
°C
Value, TMIN to TMAX
2
10.000 V, 7.500 V, 5.000 V Outputs
30
15
ppm/
°C
2.500 V Output
30
20
ppm/
°C
Differential Temperature
Coefficients Between Outputs
5
3
ppm/
°C
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
mA
Temperature Variation
1.5
1.5
µA/°C
TURN-ON SETTLING TIME TO 0.1%
200
200
µs
NOISE
(0.1 Hz to 10 Hz)
50
50
µV p-p
LONG-TERM STABILITY
25
25
ppm/1000 Hrs
SHORT-CIRCUIT CURRENT
30
30
mA
LINE REGULATION (No Load)
15 V
≤ V
IN
≤ 30 V
0.002
0.002
%/V
(VOUT +2.5 V)
≤ V
IN
≤ 15 V
0.005
0.005
%/V
LOAD REGULATION
0
≤ I
OUT
≤ 5 mA, All Outputs
20
50
20
50
ppm/mA
OUTPUT CURRENT
VIN ≥ VOUT +2.5 V
Source @ +25
°C10
10
mA
Source TMIN to TMAX
55
mA
Sink TMIN to TMAX
55
mA
TEMPERATURE RANGE
Operating
–55
+125
–55
+125
°C
Storage
–65
+175
–65
+175
°C
PACKAGE OPTION
TO-99 (H-08A)
AD584SH
AD584TH
NOTES
1At Pin 1.
2Calculated as average over the operating temperature range.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com