Electronic Components Datasheet Search
  English  ▼

X  

AD586 Datasheet(PDF) 8 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 8 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD586
REV. C
–8–
Figure 15. Precision Current Source
capacitor is required only if the load has a significant capacitive
component. If the load is purely resistive, improved high-
frequency supply rejection results can be obtained by removing
the capacitor.
Figure 16b. Precision High-Current Voltage Source
PRECISION CURRENT SOURCE
The design of the AD586 allows it to be easily configured as a
current source. By choosing the control resistor RC in Figure 15,
you can vary the load current from the quiescent current (2 mA
typically) to approximately 10 mA. The compliance voltage of
this circuit varies from about +5 V to +21 V depending upon
the value of VIN.
PRECISION HIGH CURRENT SUPPLY
For higher currents, the AD586 can easily be connected to a
power PNP or power Darlington PNP device. The circuit in
Figure 16 can deliver up to 4 amps to the load. The 0.1
µF
Figure 16a. Precision High-Current Current Source
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm.)
Mini-DIP (N-8) Package
Cerdip (Q-8) Package
Small Outline (R-8) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com