Electronic Components Datasheet Search
  English  ▼

X  

AD587JQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD587JQ
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587JQ Datasheet(HTML) 3 Page - Analog Devices

  AD587JQ Datasheet HTML 1Page - Analog Devices AD587JQ Datasheet HTML 2Page - Analog Devices AD587JQ Datasheet HTML 3Page - Analog Devices AD587JQ Datasheet HTML 4Page - Analog Devices AD587JQ Datasheet HTML 5Page - Analog Devices AD587JQ Datasheet HTML 6Page - Analog Devices AD587JQ Datasheet HTML 7Page - Analog Devices AD587JQ Datasheet HTML 8Page - Analog Devices AD587JQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. F
AD587
–3–
ABSOLUTE MAXIMUM RATINGS
*
+VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (25
°C) . . . . . . . . . . . . . . . . . . . . . 500 mW
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Package Thermal Resistance
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
°C/W
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
°C/W
Output Protection: Output safe for indefinite short to ground
and momentary short to +VIN.
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
AD587
TOP VIEW
(Not to Scale)
TP*
TRIM
VOUT
TP*
NOISE
REDUCTION
+VIN
TP*
GND
*TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS SHOULD BE MADE
TO THESE PINS.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD587 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Initial
Temperature
Temperature
Package
Model
Error
Coefficient
Range
Option
1
AD587JQ
10 mV
20 ppm/
°C0°C to 70°C
Q-8
AD587JR
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JR-REEL
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JR-REEL7
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JRZ
2
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JRZ-REEL
2
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JRZ-REEL72
10 mV
20 ppm/
°C0°C to 70°CR-8
AD587JN
10 mV
20 ppm/
°C0°C to 70°C
N-8
AD587JNZ
2
10 mV
20 ppm/
°C0°C to 70°C
N-8
AD587KQ
5 mV
10 ppm/
°C0°C to 70°C
Q-8
AD587KR
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KR-REEL
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KR-REEL7
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KRZ
2
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KRZ-REEL
2
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KRZ-REEL72
5 mV
10 ppm/
°C0°C to 70°CR-8
AD587KN
5 mV
10 ppm/
°C0°C to 70°C
N-8
AD587LQ
5 mV
5 ppm/
°C0°C to 70°C
Q-8
AD587LN
5 mV
5 ppm/
°C0°C to 70°C
N-8
AD587UQ
5 mV
5 ppm/
°C
–55
°C to +125°C
Q-8
NOTES
1N = PDIP; Q = CERDIP; R = SOIC.
2Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com