Electronic Components Datasheet Search
  English  ▼

X  

AD590 Datasheet(PDF) 12 Page - Analog Devices

Part # AD590
Description  Two-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD590 Datasheet HTML 8Page - Analog Devices AD590 Datasheet HTML 9Page - Analog Devices AD590 Datasheet HTML 10Page - Analog Devices AD590 Datasheet HTML 11Page - Analog Devices AD590 Datasheet HTML 12Page - Analog Devices AD590 Datasheet HTML 13Page - Analog Devices AD590 Datasheet HTML 14Page - Analog Devices AD590 Datasheet HTML 15Page - Analog Devices AD590 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD590
Rev. C | Page 12 of 16
The inhibit input on the multiplexer turns all sensors off for
minimum dissipation while idling.
Figure 23 demonstrates a method of multiplexing the AD590 in
the two-trim mode (see Figure 10 and Figure 11). Additional
AD590s and their associated resistors can be added to multiplex
up to eight channels of ±0.5°C absolute accuracy over the
temperature range of −55°C to +125°C. The high temperature
restriction of 125°C is due to the output range of the op amps;
output to 150°C can be achieved by using a 20 V supply for the
op amp.
4028
CMOS
BCD-TO-
DECIMAL
DECODER
11
9
10
11
6
16
10V
3
14
2
AD590
1
0
2
10k
Ω 10mV/°C
4051 CMOS ANALOG
MULTIPLEXER
–
+
22
–
+
12
–
+
02
–
+
21
–
+
11
–
+
01
–
+
20
–
+
10
–
+
00
8
12
ROW
SELECT
COLUMN
SELECT
INHIBIT
78
13
10
0
13
1
14
2
15
BINARY TO 1-OF-8 DECODER
LOGIC
LEVEL
INTERFACE
10V
16
Figure 22. Matrix Multiplexer
–
+
AD590L
–
+
AD590L
DECODER/
DRIVER
S1
S2
S8
AD7501
–15V
2k
Ω
35.7k
Ω
5k
Ω
97.6k
Ω
2k
Ω
35.7k
Ω
5k
Ω
97.6k
Ω
+15V
TTL/DTL TO CMOS
INTERFACE
BINARY
CHANNEL
SELECT
EN
–15V
27k
Ω
10mV/°C
V+
AD707A
+15V
AD581
VOUT
–
+
–5V TO –15V
Figure 23. 8-Channel Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com