Electronic Components Datasheet Search
  English  ▼

X  

AMLDP-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AMLDP-Z
Description  Up to 1000mA | LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDP-Z Datasheet(HTML) 1 Page - AIMTEC

  AMLDP-Z Datasheet HTML 1Page - AIMTEC AMLDP-Z Datasheet HTML 2Page - AIMTEC AMLDP-Z Datasheet HTML 3Page - AIMTEC AMLDP-Z Datasheet HTML 4Page - AIMTEC AMLDP-Z Datasheet HTML 5Page - AIMTEC AMLDP-Z Datasheet HTML 6Page - AIMTEC AMLDP-Z Datasheet HTML 7Page - AIMTEC AMLDP-Z Datasheet HTML 8Page - AIMTEC AMLDP-Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 18
North America only
FEATURES:
• Step Down DC/DC LED driver
• Operating Temperature range -40ºC to +85ºC
• Constant current output
•
PWM/Digital and Analog Voltage dimming
• Non-Isolated
•
Remote ON/OFF Control
• High efficiency up to 93%
•
Built with MLCC capacitors only
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
Package Type
AMLDP-1630Z
7-16
2-14
300
47
93
DIP8
AMLDP-1635Z
7-16
2-14
350
47
93
DIP8
AMLDP-1650Z
7-16
2-14
500
47
93
DIP8
AMLDP-1660Z
7-16
2-14
600
47
93
DIP8
AMLDP-1670Z
7-16
2-14
700
47
93
DIP8
AMLDP-16100Z
7-16
2-14
1000
47
93
DIP8
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
14
7-16
VDC
Filter
Capacitor
Absolute Maximum Rating
20
VDC
Peak Input Voltage time
500
ms
DC/DC ON (Leave open if not used)
ON – Open or 0..2V<Vadj<0.3V;
DC/DC OFF
OFF(shutdown) – Vadj <0.15
Maximum Remote pin drive current
Vadj = 1.25V
1
mA
Quiescent Current in Shutdown
mode
Vin = 16V, Vadj
<0.25
25
uA
On/Off Control (Digital Control)
Max PWM Frequency 1KHz
Drive with DC Voltage
0.3V < VADJ<1.25V to adjust output current from 1% to 100%
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Output Voltage range
V input = 16
2-14
VDC
Output current
Vin – Vout >1.5V to 3V
See model table above
Short Circuit protection
Regulated at the rated current for each model
Output no load Protection
Continuous
Max load capacitance
47
uF
Temperature coefficient
Ta = -40 to +85°C
±0.03
%/
oC
Ripple & Noise
20MHz Bandwidth
120
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
90-300
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Thermal Impedance
Free air convection
+40
Cooling
Free air convection
Humidity
% RH
Case material
Non-Conductive Black Plastic (UL94-V0 rated)


Similar Part No. - AMLDP-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
Up to 1000mA | LED Driver
More results

Similar Description - AMLDP-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com