Electronic Components Datasheet Search
  English  ▼

X  

AD606-EB Datasheet(PDF) 11 Page - Analog Devices

Part # AD606-EB
Description  50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD606-EB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD606-EB Datasheet HTML 4Page - Analog Devices AD606-EB Datasheet HTML 5Page - Analog Devices AD606-EB Datasheet HTML 6Page - Analog Devices AD606-EB Datasheet HTML 7Page - Analog Devices AD606-EB Datasheet HTML 8Page - Analog Devices AD606-EB Datasheet HTML 9Page - Analog Devices AD606-EB Datasheet HTML 10Page - Analog Devices AD606-EB Datasheet HTML 11Page - Analog Devices AD606-EB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD606
REV. B
–11–
51.1
C1
100pF
RF
INPUT
NC
200
+5V
AD606JN
NC
C3
150pF
C2
100pF
NC
+5V
NC = NO CONNECT
200
0.1 F
AD602
–10dB TO +30dB
(10.7MHz SWEPT
GAIN TESTS ONLY)
SWEPT GAIN
TESTS
HEWLETT PACKARD
8112A PULSE
GENERATOR
MODULATED
PULSE
TESTS
FLUKE 6082A
SYNTHESIZED
SIGNAL
GENERATOR
TEKTRONIX 7704A
MAINFRAME
OSCILLOSCOPE
10 x
ATTN
P6201
PROBES
7A18
AMP
6137
PROBES
7A24
AMP
7B53A
TIME-BASE
Figure 22. Test Setup for Characterization Data
Figure 19. VLOG Output for a Pulsed
10.7 MHz Input; Top Trace: –35 dBm
to +5 dBm; Middle Trace: –15 dBm to
–55 dBm; Bottom Trace: –35 dBm to –
75 dBm
Figure 20. Example of Test Signal
Used for Figure 19
Figure 21. VLOG Output for 10.7 MHz
CW Input with PRUP Toggled ON
and OFF; Top Trace: +5 dBm Input;
Middle Trace: –35 dBm Input; Bottom
Trace: –75 dBm; PRUP Input from
HP8112A: 0 to 4 V, 10
µs Pulsewidth
with 10 kHz Repetition Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com