Electronic Components Datasheet Search
  English  ▼

X  

AD600JN Datasheet(PDF) 19 Page - Analog Devices

Part # AD600JN
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600JN Datasheet(HTML) 19 Page - Analog Devices

Back Button AD600JN Datasheet HTML 12Page - Analog Devices AD600JN Datasheet HTML 13Page - Analog Devices AD600JN Datasheet HTML 14Page - Analog Devices AD600JN Datasheet HTML 15Page - Analog Devices AD600JN Datasheet HTML 16Page - Analog Devices AD600JN Datasheet HTML 17Page - Analog Devices AD600JN Datasheet HTML 18Page - Analog Devices AD600JN Datasheet HTML 19Page - Analog Devices AD600JN Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD600/AD602
10
90
100
0%
50mV
5V
100nS
OUTPUT
INPUT
Figure 44. Gating Feedthrough to
Output, Gating Off to On
10
90
100
0%
500mV
1V
200nS
OUTPUT
INPUT
Figure 47. Input Stage Overload
Recovery Time
+10
1k
–15
–40
10k
100k
1M
10M
100M
–10
–5
0
+5
–35
–30
–25
–20
AD602
AD600
AD600:
AD602:
BOTH:
G=20dB
G=10dB
V
=100mV RMS
V =
±5V
R =500
Ω
T =25
°C
CM
S
L
A
FREQUENCY — Hz
Figure 50. CMRR vs. Frequency
10
90
100
0%
50mV
5V
100nS
OUTPUT
INPUT
Figure 45. Gating Feedthrough to
Output, Gating On to Off
10
90
100
0%
200mV
1V
500nS
OUTPUT
INPUT
Figure 48. Output Stage Overload
Recovery Time
100k
1M
100M
10M
+20
–30
–80
+10
0
–10
–20
–40
–50
–60
–70
FREQUENCY – Hz
AD600
AD602
AD600: G=40dB
AD602: G=30dB
BOTH: R =500
Ω
V
=0V
R =50
Ω
L
IN
S
Figure 51. PSRR vs. Frequency
10
90
100
0%
100mV
1V
500nS
OUTPUT
INPUT
Figure 46. Transient Response,
Medium and High Gain
10
90
100
0%
500mV
1V
500nS
OUTPUT
INPUT
Figure 49. Transient Response
Minimum Gain
100k
1M
100M
10M
–30
–80
+10
0
–10
–20
–40
–50
–60
–70
FREQUENCY – Hz
AD600
AD602
AD600:
AD602:
BOTH:
CROSSTALK=20log
{
}
–90
CH1 G=40dB, V =0
CH2 G=20dB, V =100mV
CH1 G=30dB, V =0
CH2 G=10dB, V =316mV
V
=1V RMS, R =50
Ω,
R =500
Ω
IN
IN
OUT
S
L
CH1 V
CH2 V
OUT
IN
IN
IN
Figure 52. Crosstalk Between A1
and A2 vs. Frequency
–19–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com