Electronic Components Datasheet Search
  English  ▼

X  

AD620 Datasheet(PDF) 10 Page - Analog Devices

Part # AD620
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices AD620 Datasheet HTML 10Page - Analog Devices AD620 Datasheet HTML 11Page - Analog Devices AD620 Datasheet HTML 12Page - Analog Devices AD620 Datasheet HTML 13Page - Analog Devices AD620 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD620
REV. E
–10–
VB
–VS
A1
A2
A3
C2
RG
R1
R2
GAIN
SENSE
GAIN
SENSE
R3
400
10k
10k
I2
I1
10k
REF
10k
+IN
– IN
20 A
20 A
R4
400
OUTPUT
C1
Q2
Q1
Figure 33. Simplified Schematic of AD620
THEORY OF OPERATION
The AD620 is a monolithic instrumentation amplifier based on
a modification of the classic three op amp approach. Absolute
value trimming allows the user to program gain accurately (to
0.15% at G = 100) with only one resistor. Monolithic construc-
tion and laser wafer trimming allow the tight matching and
tracking of circuit components, thus ensuring the high level of
performance inherent in this circuit.
The input transistors Q1 and Q2 provide a single differential-
pair bipolar input for high precision (Figure 33), yet offer 10
×
lower Input Bias Current thanks to Super
βeta processing. Feed-
back through the Q1-A1-R1 loop and the Q2-A2-R2 loop main-
tains constant collector current of the input devices Q1, Q2
thereby impressing the input voltage across the external gain
setting resistor RG. This creates a differential gain from the
inputs to the A1/A2 outputs given by G = (R1 + R2)/RG + 1.
The unity-gain subtracter A3 removes any common-mode sig-
nal, yielding a single-ended output referred to the REF pin
potential.
The value of RG also determines the transconductance of the
preamp stage. As RG is reduced for larger gains, the transcon-
ductance increases asymptotically to that of the input transistors.
This has three important advantages: (a) Open-loop gain is
boosted for increasing programmed gain, thus reducing gain-
related errors. (b) The gain-bandwidth product (determined by
C1, C2 and the preamp transconductance) increases with pro-
grammed gain, thus optimizing frequency response. (c) The
input voltage noise is reduced to a value of 9 nV/
√Hz, deter-
mined mainly by the collector current and base resistance of the
input devices.
The internal gain resistors, R1 and R2, are trimmed to an abso-
lute value of 24.7 k
Ω, allowing the gain to be programmed
accurately with a single external resistor.
The gain equation is then
G
=
49.4 k
Ω
RG
+ 1
so that
RG =
49.4 k
Ω
G
− 1
.... .... .... .... .... .... .... .... .... ....
.... .... .... .... .... .... .... .... .... ....
Figure 31b. Gain Nonlinearity, G = 100, RL = 10 kΩ
(100
µV = 10 ppm)
.... .... .... .... .... .... .... .... .... ....
.... .... .... .... .... .... .... .... .... ....
Figure 31c. Gain Nonlinearity, G = 1000, RL = 10 kΩ
(1 mV = 100 ppm)
AD620
VOUT
G=1
G=1000
49.9
10k *
1k
10T
10k
499
G=10
G=100
5.49k
+VS
11k
1k
100
100k
INPUT
10V p-p
–VS
*ALL RESISTORS 1% TOLERANCE
7
1
2
3
8
6
4
5
Figure 32. Settling Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com