Electronic Components Datasheet Search
  English  ▼

X  

AEFD013SI Datasheet(PDF) 1 Page - Allied Components International

Part # AEFD013SI
Description  EFD15 HIGH FREQUENCY PoE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEFD013SI Datasheet(HTML) 1 Page - Allied Components International

  AEFD013SI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EFD15 HIGH FREQUENCY PoE TRANSFORMER
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/07/09
Designed for Power over Ethernet Applications
EFD15 Core Design
Forward and Flyback Topology
Up to 40 Watt Power Rating
12 Pin SMD
Operating Temperature -40ºC to +85ºC
Custom Designs Available
All specifications subject to change without notice.
ALLIED
AEFD013SI
MECHANICAL
SCHEMATICS
A
o
Electrical Specifications @25 C
Part
Number
OCL(uH MIN)
@100KHz,0.1V,
1.2A BIAS
HI-POT
(Vrms)
Turns Ratio (
3%)
LL
Package/
Schematic
135uH min.
1:0.2:0.315:0.44
1500
A/1
Np:Ns1:NS2:Nf
@100KHz 0.1V
2uH MAX
DCR
11,12-10,9
0.023
max
2-1
0.888
max
3-5
8-7
0.888
max
0.515
max
NS2
NS1
NF
NP
7
8
11
9
3
5
1
10
2
12
1
8.61max
17.2max
22.3max
0.7
2.5
16.5typ
16.88
3.43
1.79
2.5
YYWW
0.13
10 SURFACES
SUGGESTED PAD LAYOUT
AEFD013SI


Similar Part No. - AEFD013SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEFD014SI ALLIED-AEFD014SI Datasheet
280Kb / 1P
EFD20 HIGH FREQUENCY PoE TRANSFORMER
More results

Similar Description - AEFD013SI

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0863-BL COILCRAFT-B0863-BL Datasheet
211Kb / 2P
PoE Transformer
logo
Allied Components Inter...
AEFD001SI ALLIED-AEFD001SI Datasheet
298Kb / 1P
EFD15 HIGH FREQUENCY PoE TRANSFORMER
AEFD014SI ALLIED-AEFD014SI Datasheet
280Kb / 1P
EFD20 HIGH FREQUENCY PoE TRANSFORMER
AEFD15-2069 ALLIED-AEFD15-2069 Datasheet
611Kb / 1P
EFD15 Flyback Transformer
logo
XFMRS Inc.
XF0356-EP13S XFMRS-XF0356-EP13S_15 Datasheet
48Kb / 1P
POE TRANSFORMER
XF0406A-EFD15S XFMRS-XF0406A-EFD15S_15 Datasheet
82Kb / 1P
POE TRANSFORMER
XF1556A-EP10S XFMRS-XF1556A-EP10S_15 Datasheet
78Kb / 1P
POE TRANSFORMER
XF1556-EP10S XFMRS-XF1556-EP10S_15 Datasheet
54Kb / 1P
POE TRANSFORMER
XF2536-EP10S XFMRS-XF2536-EP10S_15 Datasheet
43Kb / 1P
POE TRANSFORMER
logo
Pulse A Technitrol Comp...
PGT6465NL PULSE-PGT6465NL Datasheet
503Kb / 2P
EFD15 flyback transformer – pin 55
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com