Electronic Components Datasheet Search
  English  ▼

X  

AEFD014SI Datasheet(PDF) 1 Page - Allied Components International

Part # AEFD014SI
Description  EFD20 HIGH FREQUENCY PoE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEFD014SI Datasheet(HTML) 1 Page - Allied Components International

  AEFD014SI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EFD20 HIGH FREQUENCY PoE TRANSFORMER
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/07/09
Designed for Power over Ethernet Applications
EFD20 Core Design
Forward and Flyback Topology
Up to 95 Watt Power Rating
12 Pin SMD
Operating Temperature -40ºC to +85ºC
Custom Designs Available
All specifications subject to change without notice.
ALLIED
AEFD014SI
MECHANICAL
SCHEMATICS
A
o
Electrical Specifications @25 C
1
Part
Number
OCL(uH MIN)
@100KHz,0.1V,
1.2A BIAS
HI-POT
(Vrms)
Turns Ratio (
3%)
LL
Package/
Schematic
20.5uH min.
1:0.375:0.438
1500
A/1
Np:Ns:Nf
@100KHz 0.1V
1uH MAX
DCR
1,2-3,4
0.15
max
10,11,12-7,8,9
0.055
max
5-6
0.42
max
NS
NF
NP
7
12
5
6
9
10
11
8
3
1
2
4
Pin 1
30.0 max
22.5 max
12.43max
3.0
0.5
YYWW
0.13
12 SURFACES
AEFD014SI


Similar Part No. - AEFD014SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEFD013SI ALLIED-AEFD013SI Datasheet
304Kb / 1P
EFD15 HIGH FREQUENCY PoE TRANSFORMER
More results

Similar Description - AEFD014SI

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
A-2049-007 PREMO-A-2049-007 Datasheet
100Kb / 1P
SMPS EFD20 Transformer
logo
Allied Components Inter...
AEFD001SI ALLIED-AEFD001SI Datasheet
298Kb / 1P
EFD15 HIGH FREQUENCY PoE TRANSFORMER
AEFD013SI ALLIED-AEFD013SI Datasheet
304Kb / 1P
EFD15 HIGH FREQUENCY PoE TRANSFORMER
AEFD20-3645 ALLIED-AEFD20-3645 Datasheet
260Kb / 1P
EFD20 Transformer
AEFD20-3746 ALLIED-AEFD20-3746 Datasheet
458Kb / 1P
EFD20 High Frequency Transformer
logo
Pulse A Technitrol Comp...
PA1836NL PULSE-PA1836NL Datasheet
279Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
logo
Allied Components Inter...
AEFD20-3892 ALLIED-AEFD20-3892 Datasheet
1Mb / 1P
EFD20 TRANSFORMER
logo
XFMRS Inc.
XF0356-EP13S XFMRS-XF0356-EP13S_15 Datasheet
48Kb / 1P
POE TRANSFORMER
logo
Allied Components Inter...
AEFD20-4193 ALLIED-AEFD20-4193 Datasheet
1Mb / 2P
EFD20 Low Profile Power Transformer Design
AEFD20-4520 ALLIED-AEFD20-4520 Datasheet
702Kb / 1P
EFD20 SMD Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com