Electronic Components Datasheet Search
  English  ▼

X  

23A512 Datasheet(PDF) 2 Page - Microchip Technology

Part # 23A512
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512 Datasheet(HTML) 2 Page - Microchip Technology

  23A512 Datasheet HTML 1Page - Microchip Technology 23A512 Datasheet HTML 2Page - Microchip Technology 23A512 Datasheet HTML 3Page - Microchip Technology 23A512 Datasheet HTML 4Page - Microchip Technology 23A512 Datasheet HTML 5Page - Microchip Technology 23A512 Datasheet HTML 6Page - Microchip Technology 23A512 Datasheet HTML 7Page - Microchip Technology 23A512 Datasheet HTML 8Page - Microchip Technology 23A512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
23A512/23LC512
DS25155A-page 2
Preliminary
 2012 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +0.3V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias ...............................................................................................................-40°C to +85°C
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Typ.(1)
Max.
Units
Test Conditions
D001
VCC
Supply voltage
1.7
2.5
—2.2
5.5
V
23A512
23LC512
D002
VIH
High-level input
voltage
.7 VCC
—VCC +0.3
V
D003
VIL
Low-level input
voltage
-0.3
—
0.2xVCC
0.10xVCC
V
23A512
23LC512
D004
VOL
Low-level output
voltage
——
0.2
V
IOL = 1 mA
D005
VOH
High-level output
voltage
VCC -0.5
—
—
V
IOH = -400
A
D006
ILI
Input leakage
current
——
±1
ACS = VCC, VIN = VSS OR VCC
D007
ILO
Output leakage
current
——
±1
ACS = VCC, VOUT = VSS OR VCC
D008
ICC Read Operating current
—
—
1
3
10
10
mA
mA
FCLK = 20 MHz; SO = O, 2.2V
FCLK = 20 MHz; SO = O, 5.5V
D009
ICCS
Standby current
—
—
1
4
4
10
A
A
CS = VCC = 2.2V, Inputs tied to
VCC or VSS
CS = VCC = 5.5V, Inputs tied to
VCC or VSS
D010
CINT
Input capacitance
—
—
7
pF
VCC = 0V, f = 1 MHz, Ta = 25°C
(Note 1)
D011
VDR
RAM data retention
voltage (2)
—1.0
—
V
Note 1:
This parameter is periodically sampled and not 100% tested. Typical measurements taken at room
temperature (25°C).
2:
This is the limit to which VDD can be lowered without losing RAM data. This parameter is periodically
sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com