Electronic Components Datasheet Search
  English  ▼

X  

23LCV512 Datasheet(PDF) 14 Page - Microchip Technology

Part # 23LCV512
Description  512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV512 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 23LCV512 Datasheet HTML 10Page - Microchip Technology 23LCV512 Datasheet HTML 11Page - Microchip Technology 23LCV512 Datasheet HTML 12Page - Microchip Technology 23LCV512 Datasheet HTML 13Page - Microchip Technology 23LCV512 Datasheet HTML 14Page - Microchip Technology 23LCV512 Datasheet HTML 15Page - Microchip Technology 23LCV512 Datasheet HTML 16Page - Microchip Technology 23LCV512 Datasheet HTML 17Page - Microchip Technology 23LCV512 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
23LCV512
DS25157A-page 14
Preliminary
 2012 Microchip Technology Inc.
FIGURE 4-3:
BYTE WRITE MODE SDI
4.2
Exit SDI Mode
To exit from SDI mode, the RSTIO command must be
issued. The command must be entered in the current
device configuration see (Figure 4-4).
FIGURE 4-4:
RESET SDI MODE (RSTIO) – FROM SDI MODE
Note:
Page and Sequential mode are similar in that additional bytes can be clocked in before CS is brought high.
CS
910 11 12 13 14 15
02
3
4
5
6
7
1
8
6 420
14 12 10 8
75
3 1
15 13 11 9
16-Bit Address
Instruction
Data In
64 2 0
75 3 1
SCK
SIO1
0
0
0
0
00 0 1
SIO0
SCK
0
2
3
1
SIO0
CS
1
111
SIO1
11
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com