Electronic Components Datasheet Search
  English  ▼

X  

UM1486 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1486
Description  UM1486 User manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1486 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1486 Datasheet HTML 4Page - STMicroelectronics UM1486 Datasheet HTML 5Page - STMicroelectronics UM1486 Datasheet HTML 6Page - STMicroelectronics UM1486 Datasheet HTML 7Page - STMicroelectronics UM1486 Datasheet HTML 8Page - STMicroelectronics UM1486 Datasheet HTML 9Page - STMicroelectronics UM1486 Datasheet HTML 10Page - STMicroelectronics UM1486 Datasheet HTML 11Page - STMicroelectronics UM1486 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
UM1486
Using the board
Doc ID 022415 Rev 1
9/12
4
Using the board
Once the STEVAL-MKI119V1 has been upgraded with the iNEMOENgine_PW8 software
package, it allows connection through the USB interface to any PC running the Windows 8
operating system. After the kit is connected, it is recognized as an HID sensor cluster and
accesses gyroscope, accelerometer, heading, inclinometer and quaternions data to be
employed for user applications.
4.1
Board calibration
Before using the board for the first time, calibration is required. To enable the calibration
routine, press button 3 (Figure 2, item 4). LED D6 of the board (Figure 2, item 2) will remain
ON until the calibration routine is completed.
Two movements may be executed to calibrate the board:
1.
Move the board in the space as shown in Figure 5
Figure 5.
Free movement calibration
2.
Move the board in the space as described in Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com