Electronic Components Datasheet Search
  English  ▼

X  

IR4311 Datasheet(PDF) 12 Page - International Rectifier

Part # IR4311
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4311 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR4311 Datasheet HTML 6Page - International Rectifier IR4311 Datasheet HTML 7Page - International Rectifier IR4311 Datasheet HTML 8Page - International Rectifier IR4311 Datasheet HTML 9Page - International Rectifier IR4311 Datasheet HTML 10Page - International Rectifier IR4311 Datasheet HTML 11Page - International Rectifier IR4311 Datasheet HTML 12Page - International Rectifier IR4311 Datasheet HTML 13Page - International Rectifier IR4311 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IR4301,IR4311
12
www.irf.com
© 2012 International Rectifier
December 5, 2012
Lead Definitions
Pin #
Symbol
Description
1
VAA
Floating input positive supply
2
GND
GND for internal shunt zener diodes to VAA and VSS
3
IN+
Analog non-inverting input
4
IN-
Analog inverting input
5
COMP
PWM comparator input
6
CSD
Shutdown timing capacitor / shutdown input
7
VSS
Floating input negative supply
8
VCC
Low side supply
9
COM
Low side supply return, internally connected to VN
10
VN
Negative power supply, internally connected to COM externally
11
VS
PWM output
12
VP
Positive power supply
13
VB
High side floating supply, referenced to VS
14
CSH
High side over current sensing input, referenced to VS
15
SUB
Internally connected to COM (Do not use as supply return)
Lead Assignments (Top View)
12
11
10
15
9
8
7
13
14
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com