Electronic Components Datasheet Search
  English  ▼

X  

IR4302M Datasheet(PDF) 8 Page - International Rectifier

Part # IR4302M
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4302M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR4302M Datasheet HTML 4Page - International Rectifier IR4302M Datasheet HTML 5Page - International Rectifier IR4302M Datasheet HTML 6Page - International Rectifier IR4302M Datasheet HTML 7Page - International Rectifier IR4302M Datasheet HTML 8Page - International Rectifier IR4302M Datasheet HTML 9Page - International Rectifier IR4302M Datasheet HTML 10Page - International Rectifier IR4302M Datasheet HTML 11Page - International Rectifier IR4302M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IR43x2
8
www.irf.com
© 2012 International Rectifier
January 2, 2013
Electrical Characteristics
VCC,VBS= 12 V, VSS=VS1=VS2=VN1=VN2=COM=0V, VAA=9.6V and TA=25
qC unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Supply
UVCC+
Vcc supply UVLO positive
threshold
8.4
8.9
9.4
V
UVCC-
Vcc supply UVLO negative
threshold
8.2
8.7
9.2
V
UVCCHYS
UVCC hysteresis
-
0.2
-
V
IQCC
Low side quiescent current
-
-
3
mA
ICC
Low side supply current
-
10
-
mA
f=400kHz
VCLAMPLn
Low side zener diode clamp
voltage, n=1-2
14.7
15.3
16.2
V
ICC=5mA
High Side Floating Supply
UVBS+n
High side well UVLO
positive threshold, n=1-2
8.0
8.5
9.0
V
UVBS-n
High side well UVLO
negative threshold, n=1-2
7.8
8.3
8.8
V
UVBSHYSn
UVBS hysteresis, n=1-2
-
0.2
-
V
IQBSn
High side quiescent current,
n=1-2
-
-
2.4
mA
VCLAMPHn
High side zener diode clamp
voltage, n=1-2
14.7
15.3
16.2
V
IBS=5mA
Floating Input Supply
UVAA+
VA+, VA- floating supply
UVLO positive threshold
from VSS
8.2
8.7
9.2
V
VSS =0V, GND
pin floating
UVAA-
VA+, VA- floating supply
UVLO negative threshold
from VSS
7.7
8.2
8.7
V
VSS =0V, GND
pin floating
UVAAHYS
UVAA hysteresis
-
0.5
-
V
VSS =0V, GND
pin floating
IQAA0
Floating Input positive
quiescent supply current
-
1.5
3
mA
VAA=9.6V, VSS
=0V,
VCSD =VSS
IQAA1
Floating Input positive
quiescent supply current
-
4
6
mA
VAA=9.6V, VSS
=0V,
VCSD =VAA
IQAA2
Floating Input positive
quiescent supply current
-
5
7.5
mA
VAA=9.6V, VSS
=0V,
VCSD =GND
ILKM
Floating input side to Low
side leakage current
-
-
50
μA
VAA=VSS=VGND=
100V
VCLAMPM+
VAA floating supply zener
diode clamp voltage,
positive, with respect to
GND
4.9
5.1
5.4
V
IAA=5mA,
ISS=5mA,
VGND=0V,
VCSD =VSS
VCLAMPM-
VSS floating supply zener diode
clamp voltage, negative, with
respect to GND
-5.4
-5.1
-4.9
V
IAA=5mA,
ISS=5mA,
VGND=0V,
VCSD =VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com