Electronic Components Datasheet Search
  English  ▼

X  

IR4312M Datasheet(PDF) 2 Page - International Rectifier

Part # IR4312M
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4312M Datasheet(HTML) 2 Page - International Rectifier

  IR4312M Datasheet HTML 1Page - International Rectifier IR4312M Datasheet HTML 2Page - International Rectifier IR4312M Datasheet HTML 3Page - International Rectifier IR4312M Datasheet HTML 4Page - International Rectifier IR4312M Datasheet HTML 5Page - International Rectifier IR4312M Datasheet HTML 6Page - International Rectifier IR4312M Datasheet HTML 7Page - International Rectifier IR4312M Datasheet HTML 8Page - International Rectifier IR4312M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IR43x2
2
www.irf.com
© 2012 International Rectifier
January 2, 2013
Table of Contents
Page
Typical Connection Diagram
1
Qualification Information
4
Absolute Maximum Ratings
5
Recommended Operating Conditions
7
Electrical Characteristics
8
Functional Block Diagram
11
Input/Output Pin Equivalent Circuit Diagram
12
Lead Definitions
14
Lead Assignments
15
Package Details
16
Part Marking Information
17
Ordering Information
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com