Electronic Components Datasheet Search
  English  ▼

X  

MB-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-3
Description  Fits SOT-143 amplifier packages
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Fits SOT-143 amplifier packages
• Input/Output blocking capacitors
• RF bypass and bias capacitors
• Dual bias resistors
• RF bias inductor
• RO-4350 board material
• Fits MicroAmp MH-series housings
ASSEMBLY
AMPLIFIER SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-3 Circuit Board
For SOT-143 Amplifiers
The MicroAmp MB-3 circuit board is designed for rapid prototyping of many different RF MMIC amplifiers in SOT-143 4-pin
packages that use a common RF output and bias pin from manufacturers such as Avago (MSA), Mini-Circuits (VAM), and others. This
board will fit the MicroAmp MH series of connectorized housings that allow it to be used as a single amplifier stage or cascaded with
other MicroAmp boards for added versatility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with
RoHS compatible ENIG plating (electroless nickel/immersion gold) on both the component side and the solid bottom ground plane.
The board measures 0.490" x 0.590" and mounts into the housing with four #1-72 screws. Amplifiers can be easily designed and
assembled with standard surface-mount passive components. It includes provisions for input and output DC blocking capacitors
(0603), RF and bias bypass capacitors (0603/0805), dual bias resistors for flexible thermal management (0805), and a RF bias induc-
tor (0805 or 0603). Pads for the RF connectors allow the SMA center pins to be easily soldered to the board after it is installed into
the housing, as well as a large pad to connect the completed board assembly to the bias feed-through.
REF
SIZE
FUNCTION
C1
0603
DC block
C2
0603
DC block
C3
0603
Bypass
C4
0603
Bypass
C5
0805
Bypass
R1
0805
DC bias
R2
0805
DC bias
L1
0805/0603
RF bias
U1
SOT-143
Amplifier
J1
Input
J2
Output
J3
Bias
FEATURES


Similar Part No. - MB-3

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MB-3 KGS-MB-3 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
More results

Similar Description - MB-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV.0
ADM811 AD-ADM811 Datasheet
83Kb / 6P
Microprocessors Supervisory Circuit in 4-Lead SOT-143
3/13-Rev. F to Rev. G
logo
Vishay Siliconix
MPD VISHAY-MPD Datasheet
280Kb / 4P
Molded, SOT-143 Resistor Network
17-Sep-07
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
MB-2 ETC2-MB-2 Datasheet
1Mb / 1P
Fits SOT-86 and similar 4-pin
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
Fits SOT-343 (SC-70) amplifier packages
logo
Analog Devices
ADM811 AD-ADM811 Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com